Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 181 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 181 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 177Page - PMC-Sierra, Inc PM5347 Datasheet HTML 178Page - PMC-Sierra, Inc PM5347 Datasheet HTML 179Page - PMC-Sierra, Inc PM5347 Datasheet HTML 180Page - PMC-Sierra, Inc PM5347 Datasheet HTML 181Page - PMC-Sierra, Inc PM5347 Datasheet HTML 182Page - PMC-Sierra, Inc PM5347 Datasheet HTML 183Page - PMC-Sierra, Inc PM5347 Datasheet HTML 184Page - PMC-Sierra, Inc PM5347 Datasheet HTML 185Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
165
cells are passed to the receive FIFO regardless of errors detected in the
HCS, and the HCS verification finite state machine never exits the correction
mode. Regardless of the programming of this bit, cells are always dropped
while the cell delineation state machine is in the 'HUNT' or 'PRESYNC' states.
DISCOR:
The DISCOR bit disables the HCS error correction algorithm. When DISCOR
is a logic zero, the error correction algorithm is enabled, and single-bit errors
detected in the cell header are corrected. When DISCOR is a logic one, the
error correction algorithm is disabled, and any error detected in the cell
header is treated as an uncorrectable HCS error.
PASS:
The PASS bit controls the function of the cell filter. When PASS is a logic
zero, cells which match the header cell filter and which have VPI and VCI
fields set to 0 are dropped. When PASS is a logic one, the match header
pattern registers are ignored and filtering of cells with VPI and VCI fields set
to 0 is not performed. The default state of this bit together with the default
states of the bits in the Match Mask and Match Pattern registers enable the
dropping of cells containing all zero VCI and VPI fields.
RXPTYPE:
The RXPTYPE bit selects even or odd parity for outputs RXPRTY[1:0]. When
RXPTYPE is a logic one, even parity is calculated for the output data on
RDAT[15:0]; conversely, when RXPTYPE is a logic zero, odd parity is
calculated for the output data. When RXPTYPE is set to logic one in word
parity mode, output RXPRTY[1] is the even parity bit for outputs RDAT[15:0].
When RXPTYPE is set to logic zero in word parity mode, output RXPRTY[1]
is the odd parity bit for outputs RDAT[15:0]. In word parity mode, RXPRTY[0]
is held low.
When RXPTYPE is set to logic one in byte parity mode, output RXPRTY[1] is
the even parity bit for outputs RDAT[15:8] and output RXPRTY[0] is the even
parity bit for outputs RDAT[7:0]. When RXPTYPE is a logic zero in byte parity
mode, output RXPRTY[1] is the odd parity bit for outputs RDAT[15:8] and
output RXPRTY[0] is the odd parity bit for outputs RDAT[7:0].
FSEN:
The FSEN bit determines the payload mapping of ATM cells when STS-1
(AU-3) mapping is selected. When FSEN is set to logic one, the S/UNI-PLUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com