Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 185 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 185 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 181Page - PMC-Sierra, Inc PM5347 Datasheet HTML 182Page - PMC-Sierra, Inc PM5347 Datasheet HTML 183Page - PMC-Sierra, Inc PM5347 Datasheet HTML 184Page - PMC-Sierra, Inc PM5347 Datasheet HTML 185Page - PMC-Sierra, Inc PM5347 Datasheet HTML 186Page - PMC-Sierra, Inc PM5347 Datasheet HTML 187Page - PMC-Sierra, Inc PM5347 Datasheet HTML 188Page - PMC-Sierra, Inc PM5347 Datasheet HTML 189Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
169
Register 0x52: RACP Interrupt Enable/Control
Bit
Type
Function
Default
Bit 7
R/W
OCDE
0
Bit 6
R/W
LCDE
0
Bit 5
R/W
HCSE
0
Bit 4
R/W
FIFOE
0
Bit 3
R/W
LCDDROP
0
Bit 2
R/W
RCALEVEL0
1
Bit 1
R/W
HCSFTR[1]
0
Bit 0
R/W
HCSFTR[0]
0
HCSFTR[1:0]:
The HCS filter bits, HCSFTR[1:0], indicate the number of error free cells
required while in detection mode before reverting back to correction mode.
Please refer to Figure 6 for details.
Table 2
-
HCSFTR[1:0]
Cell Acceptance Threshold
00
One ATM cell with correct HCS before resumption of cell
correction.
01
Two ATM cells with correct HCS before resumption of cell
correction.
10
Four ATM cells with correct HCS before resumption of cell
correction.
11
Eight ATM cells with correct HCS before resumption of cell
correction.
RCALEVEL0:
The RCALEVEL0 bit controls the function of the RCA output. When
RCALEVEL0 is a logic one, a high to low transition on output RCA indicates
that the receive FIFO is empty. When RCALEVEL0 is a logic zero, a high to
low transition on output RCA indicates that the receive FIFO is almost empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com