Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 188 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 188 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 184Page - PMC-Sierra, Inc PM5347 Datasheet HTML 185Page - PMC-Sierra, Inc PM5347 Datasheet HTML 186Page - PMC-Sierra, Inc PM5347 Datasheet HTML 187Page - PMC-Sierra, Inc PM5347 Datasheet HTML 188Page - PMC-Sierra, Inc PM5347 Datasheet HTML 189Page - PMC-Sierra, Inc PM5347 Datasheet HTML 190Page - PMC-Sierra, Inc PM5347 Datasheet HTML 191Page - PMC-Sierra, Inc PM5347 Datasheet HTML 192Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
172
Register 0x54: RACP Match Header Mask
Bit
Type
Function
Default
Bit 7
R/W
MGFC[3]
0
Bit 6
R/W
MGFC[2]
0
Bit 5
R/W
MGFC[1]
0
Bit 4
R/W
MGFC[0]
0
Bit 3
R/W
MPTI2]
0
Bit 2
R/W
MPTI[1]
0
Bit 1
R/W
MPTI[0]
0
Bit 0
R/W
MCLP
0
MGFC[3:0]:
The MGFC[3:0] bits contain the mask pattern for the first, second, third and
fourth bits of the first octet of the 53 octet cell. This mask is applied to the
RACP Match Header Pattern Register to select the bits included in the cell
filter. A logic one in any bit position enables the corresponding bit in the
pattern register to be compared. A logic zero causes the masking of the
corresponding bit.
MPTI3:0]:
The MPTI[3:0] bits contain the mask pattern for the fifth, sixth and seventh
bits of the fourth octet of the 53 octet cell. This mask is applied to the RACP
Match Header Pattern Register to select the bits included in the cell filter. A
logic one in any bit position enables the corresponding bit in the pattern
register to be compared. A logic zero causes the masking of the
corresponding bit.
MCLP:
The CLP bit contains the mask pattern for the eighth bit of the fourth octet of
the 53 octet cell. This mask is applied to the RACP Match Header Pattern
Register to select the bits included in the cell filter. A logic one in this bit
position enables the MCLP bit in the pattern register to be compared. A logic
zero causes the masking of the MCLP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com