Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 187 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 187 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 183Page - PMC-Sierra, Inc PM5347 Datasheet HTML 184Page - PMC-Sierra, Inc PM5347 Datasheet HTML 185Page - PMC-Sierra, Inc PM5347 Datasheet HTML 186Page - PMC-Sierra, Inc PM5347 Datasheet HTML 187Page - PMC-Sierra, Inc PM5347 Datasheet HTML 188Page - PMC-Sierra, Inc PM5347 Datasheet HTML 189Page - PMC-Sierra, Inc PM5347 Datasheet HTML 190Page - PMC-Sierra, Inc PM5347 Datasheet HTML 191Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
171
Register 0x53: RACP Match Header Pattern
Bit
Type
Function
Default
Bit 7
R/W
GFC[3]
0
Bit 6
R/W
GFC[2]
0
Bit 5
R/W
GFC[1]
0
Bit 4
R/W
GFC[0]
0
Bit 3
R/W
PTI[2]
0
Bit 2
R/W
PTI[1]
0
Bit 1
R/W
PTI[0]
0
Bit 0
R/W
CLP
0
GFC[3:0]:
The GFC[3:0] bits contain the pattern to match in the first, second, third and
fourth bits of the first octet of the 53 octet cell, in conjunction with the RACP
Match Header Mask Register. The PASS bit in the RACP Control Register
must be a logic zero to enable dropping of cells matching this pattern. Note
that an all-zeros pattern must be present in the VPI and VCI fields of the idle
or unassigned cell.
PTI[2:0]:
The PTI[2:0] bits contain the pattern to match in the fifth, sixth and seventh
bits of the fourth octet of the 53 octet cell, in conjunction with the RACP
Match Header Mask Register. The PASS bit in the RACP Control Register
must be a logic zero to enable dropping of cells matching this pattern.
CLP:
The CLP bit contains the pattern to match in the eighth bit of the fourth octet
of the 53 octet cell, in conjunction with the RACP Match Header Mask
Register. The PASS bit in the RACP Control Register must be a logic zero to
enable dropping of cells matching this pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com