Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 183 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 183 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 179Page - PMC-Sierra, Inc PM5347 Datasheet HTML 180Page - PMC-Sierra, Inc PM5347 Datasheet HTML 181Page - PMC-Sierra, Inc PM5347 Datasheet HTML 182Page - PMC-Sierra, Inc PM5347 Datasheet HTML 183Page - PMC-Sierra, Inc PM5347 Datasheet HTML 184Page - PMC-Sierra, Inc PM5347 Datasheet HTML 185Page - PMC-Sierra, Inc PM5347 Datasheet HTML 186Page - PMC-Sierra, Inc PM5347 Datasheet HTML 187Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
167
Register 0x51: RACP Interrupt Status
Bit
Type
Function
Default
Bit 7
R
OCDV
X
Bit 6
R
LCDV
X
Bit 5
R
OCDI
X
Bit 4
R
LCDI
X
Bit 3
R
CHCSI
X
Bit 2
R
UHCSI
X
Bit 1
R
FOVRI
X
Bit 0
Unused
X
FOVRI:
The FOVRI bit is the FIFO overrun interrupt status bit. FOVRI is a logic one
when a FIFO overrun occurs. This bit is cleared when this register is read.
UHCSI:
The UHCSI bit is the uncorrectable HCS error interrupt status bit. UHCSI is a
logic one when an uncorrectable HCS error is detected. This bit is cleared
when this register is read.
CHCSI:
The CHCSI bit is the correctable HCS error interrupt status bit. CHCSI is a
logic one when a correctable HCS error is detected. This bit is cleared when
this register is read.
LCDI:
The LCDI bit is the loss of cell delineation interrupt status bit. LCDI is a logic
one when a change in the LCD state occurs. This bit is cleared when this
register is read.
OCDI:
The OCDI bit is the out of cell delineation interrupt status bit. OCDI is a logic
one when a change in the OCD state occurs. This bit is cleared when this
register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com