Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 186 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 186 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 182Page - PMC-Sierra, Inc PM5347 Datasheet HTML 183Page - PMC-Sierra, Inc PM5347 Datasheet HTML 184Page - PMC-Sierra, Inc PM5347 Datasheet HTML 185Page - PMC-Sierra, Inc PM5347 Datasheet HTML 186Page - PMC-Sierra, Inc PM5347 Datasheet HTML 187Page - PMC-Sierra, Inc PM5347 Datasheet HTML 188Page - PMC-Sierra, Inc PM5347 Datasheet HTML 189Page - PMC-Sierra, Inc PM5347 Datasheet HTML 190Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
170
and contains only four words. Refer to the Drop Side Receive Interface timing
diagrams in the Functional Timing section.
LCDDROP:
The LCD drop bit, LCDDROP, enables the dropping of cells while in the loss
of cell delineation state. When LCDDROP is set to logic one, received cells
are not written into the FIFO until the LCD indication is deasserted, which
occurs after being continuously in the SYNC state for 4 ms. If LCDDROP is
set to logic zero, cells are written to the FIFO when in the SYNC state,
regardless of the LCD state.
FIFOE:
The FIFOE bit is the interrupt enable for FIFO overruns. When FIFOE is a
logic one, an interrupt is generated when the FIFO overruns.
HCSE:
The HCSE bit is the interrupt enable for HCS errors. When HCSE is a logic
one, an interrupt is generated when an HCS error is detected.
LCDE:
The LCDE bit is the interrupt enable for loss of cell delineation. When LCDE
is a logic one, an interrupt is generated when the LCD state changes.
OCDE:
The OCDE bit is the interrupt enable for out of cell delineation. When OCDE
is a logic one, an interrupt is generated when the OCD state changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com