Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 208 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 208 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 204Page - PMC-Sierra, Inc PM5347 Datasheet HTML 205Page - PMC-Sierra, Inc PM5347 Datasheet HTML 206Page - PMC-Sierra, Inc PM5347 Datasheet HTML 207Page - PMC-Sierra, Inc PM5347 Datasheet HTML 208Page - PMC-Sierra, Inc PM5347 Datasheet HTML 209Page - PMC-Sierra, Inc PM5347 Datasheet HTML 210Page - PMC-Sierra, Inc PM5347 Datasheet HTML 211Page - PMC-Sierra, Inc PM5347 Datasheet HTML 212Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
192
Register 0x68: SPTB Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
RRAMACC
0
Bit 5
R/W
RTIUIE
0
Bit 4
R/W
RTIMIE
0
Bit 3
R/W
PER5
0
Bit 2
R/W
TNULL
1
Bit 1
R/W
NOSYNC
0
Bit 0
R/W
LEN16
0
This register controls the receive and transmit portions of the SPTB.
LEN16:
The LEN16 bit selects the length of the path trace message to be 16 bytes or
64 bytes. When LEN16 is a logic one, a 16 byte path trace message is
selected. When LEN16 is a logic zero, a 64 byte path trace message is
selected.
NOSYNC:
The NOSYNC bit disables the writing of the path trace message into the trace
buffer to be synchronized to the content of the message. When LEN16 is a
logic one and NOSYNC is a logic zero, the receive path trace message byte
with its most significant bit set will be written to the first location in the buffer.
When LEN16 and NOSYNC are logic zero, the byte after the carriage
return/linefeed (CR/LF) sequence will be written to the first location in the
buffer. When NOSYNC is a logic one, synchronization is disabled, and the
path trace message buffer behaves as a circular buffer.
TNULL:
The TNULL bit controls the insertion of an all-zero path trace identifier
message in the transmit stream. When TNULL is a logic one, the contents of
the transmit buffer is ignored and all-zeros bytes are inserted. When TNULL
is a logic zero, the contents of the transmit path trace buffer are inserted into



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com