Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 212 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 212 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 208Page - PMC-Sierra, Inc PM5347 Datasheet HTML 209Page - PMC-Sierra, Inc PM5347 Datasheet HTML 210Page - PMC-Sierra, Inc PM5347 Datasheet HTML 211Page - PMC-Sierra, Inc PM5347 Datasheet HTML 212Page - PMC-Sierra, Inc PM5347 Datasheet HTML 213Page - PMC-Sierra, Inc PM5347 Datasheet HTML 214Page - PMC-Sierra, Inc PM5347 Datasheet HTML 215Page - PMC-Sierra, Inc PM5347 Datasheet HTML 216Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
196
Register 0x6A: SPTB Indirect Address Register
Bit
Type
Function
Default
Bit 7
R/W
RWB
0
Bit 6
R/W
A[6]
0
Bit 5
R/W
A[5]
0
Bit 4
R/W
A[4]
0
Bit 3
R/W
A[3]
0
Bit 2
R/W
A[2]
0
Bit 1
R/W
A[1]
0
Bit 0
R/W
A[0]
0
This register supplies the address used to index into path trace identifier buffers.
A[6:0]:
The indirect read address bits (A[6:0]) are used to address the path trace
identifier buffers. When RRAMACC is set high, addresses 0 to 63 reference
the captured message page while addresses 64 to 127 reference the
expected message page of the receive path trace buffer. The captured
message page contains the identifier bytes extracted from the receive stream.
The expected message page contains the path trace message to which the
captured message page is compared. When RRAMACC is set low,
addresses 0 to 63 reference the transmit path trace buffer which contains the
path trace message inserted in the transmit stream.
RWB:
The access control bit (RWB) selects between an indirect read or write
access to the selected path trace buffer (receive or transmit as determined by
the RRAMACC bit). Writing to this register initiates an access to the selected
path trace buffer. When RWB is a logic one, a read access is initiated. The
addressed location's contents are placed in the SPTB Indirect Data register.
When RWB is a logic zero, a write access is initiated. The data in the SPTB
Indirect Data register is written to the addressed location in the selected
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com