Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 209 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 209 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 205Page - PMC-Sierra, Inc PM5347 Datasheet HTML 206Page - PMC-Sierra, Inc PM5347 Datasheet HTML 207Page - PMC-Sierra, Inc PM5347 Datasheet HTML 208Page - PMC-Sierra, Inc PM5347 Datasheet HTML 209Page - PMC-Sierra, Inc PM5347 Datasheet HTML 210Page - PMC-Sierra, Inc PM5347 Datasheet HTML 211Page - PMC-Sierra, Inc PM5347 Datasheet HTML 212Page - PMC-Sierra, Inc PM5347 Datasheet HTML 213Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
193
the J1 byte. TNULL should be set high before changing the contents of the
trace buffer to avoid sending partial messages.
PER5:
The PER5 bit controls the number of times a path trace identifier message
must be received unchanged before being accepted. When PER5 is a logic
one, a message is accepted when it is received unchanged five times
consecutively. When PER5 is a logic zero, the message is accepted after
three identical repetitions.
RTIMIE:
The RTIMIE bit controls the activation of the interrupt output when the
comparison between accepted identifier message and the expected message
changes state. When RTIMIE is a logic one, changes in match state activates
the interrupt (INTB) output.
RTIUIE:
The RTIUIE bit controls the activation of the interrupt output when the receive
identifier message changes state. When RTIUIE is a logic one, changes in
the received path trace identifier message stable/unstable state activates the
interrupt output.
RRAMACC:
The RRAMACC bit directs read and writes access to either the receive or
transmit path trace buffer. When RRAMACC is a logic one, microprocessor
accesses are directed to the receive path trace buffer. When RRAMACC is a
logic zero, microprocessor accesses are directed to the transmit path trace
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com