Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 228 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 228 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 224Page - PMC-Sierra, Inc PM5347 Datasheet HTML 225Page - PMC-Sierra, Inc PM5347 Datasheet HTML 226Page - PMC-Sierra, Inc PM5347 Datasheet HTML 227Page - PMC-Sierra, Inc PM5347 Datasheet HTML 228Page - PMC-Sierra, Inc PM5347 Datasheet HTML 229Page - PMC-Sierra, Inc PM5347 Datasheet HTML 230Page - PMC-Sierra, Inc PM5347 Datasheet HTML 231Page - PMC-Sierra, Inc PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
212
Register 0x80: Master Test
Bit
Type
Function
Default
Bit 7
R/W
TT_BYP
0
Bit 6
Unused
X
Bit 5
W
PMCATST
X
Bit 4
W
PMCTST
X
Bit 3
W
DBCTRL
X
Bit 2
R/W
IOTST
0
Bit 1
W
HIZDATA
X
Bit 0
R/W
HIZIO
0
This register is used to enable S/UNI-PLUS test features. All bits, except
PMCTST and PMCATST, are reset to zero by a reset of the S/UNI-PLUS.
HIZIO, HIZDATA:
The HIZIO and HIZDATA bits control the tri-state modes of the S/UNI-PLUS .
While the HIZIO bit is a logic one, all output pins of the S/UNI-PLUS except
the data bus and output TDO are held tri-state. The microprocessor interface
is still active. While the HIZDATA bit is a logic one, the data bus is also held in
a high-impedance state which inhibits microprocessor read cycles. The
HIZDATA bit is overridden by the DBCTRL bit.
IOTST:
The IOTST bit is used to allow normal microprocessor access to the test
registers and control the test mode in each TSB block in the S/UNI-PLUS for
board level testing. When IOTST is a logic one, all blocks are held in test
mode and the microprocessor may write to a block's test mode 0 registers to
manipulate the outputs of the block and consequentially the device outputs
(refer to the "Test Mode 0 Details" in the "Test Features" section).
DBCTRL:
The DBCTRL bit is used to pass control of the data bus drivers to the CSB
pin. When the DBCTRL bit is set to logic one and either IOTST or PMCTST
are logic one, the CSB pin controls the output enable for the data bus. While
the DBCTRL bit is set, holding the CSB pin high causes the S/UNI-PLUS to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com