Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 231 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 231 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 227Page - PMC-Sierra, Inc PM5347 Datasheet HTML 228Page - PMC-Sierra, Inc PM5347 Datasheet HTML 229Page - PMC-Sierra, Inc PM5347 Datasheet HTML 230Page - PMC-Sierra, Inc PM5347 Datasheet HTML 231Page - PMC-Sierra, Inc PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc PM5347 Datasheet HTML 233Page - PMC-Sierra, Inc PM5347 Datasheet HTML 234Page - PMC-Sierra, Inc PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
215
Table 6
-
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
07H
POP[3]
POP[2]
POP[1]
POP[0]
90H
LOF
OOF
LOS
92H
RSOW
RSD
RSDCLK
RSUC
94H
TSDCLK
96H
TOHFP
98H
LRDI
LAIS
ROHFP3
9AH
RLD
RLDCLK
RLOW
ROWCLK
9BH
RTOHFP3
RTOHCLK3
RTOH3
A0H
TOWCLK
TLDCLK
B0H
PAIS
B2H
LOP
B3H
PRDI
RPOHFP
RPOH
RPOHCLK
C2H
TTOHCLK
TTOHFP
C3H
TPOHCLK
TPOHFP
D0H
RCP
RGFC
LCD
E0H
TCP
INT1
The following outputs can not be controlled using the IOTST feature: TCA,
RSOC, RDAT[15:0], RXPRTY[1:0], RCA, D[7:0], and TDO.
1. INT corresponds to output INTB. INTB is an open drain output and should be
pulled high for proper operation. Writing a logic one to the INT bit allows the
S/UNI-PLUS to drive INTB low. Writing a logic zero to the INT bit tristates the
INTB output.
2. To control these outputs, RMODE[1:0] should be set to binary '10' in the
Master Configuration Register.
3. To control GTOCLK, TMODE[1:0] should be set to binary '11' in the Master
Configuration Register.
11.3
JTAG Test Port
The S/UNI-PLUS JTAG Test Access Port (TAP) allows access to the TAP
controller and the 4 TAP registers: instruction, bypass, device identification and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com