Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 235 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 235 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 231Page - PMC-Sierra, Inc PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc PM5347 Datasheet HTML 233Page - PMC-Sierra, Inc PM5347 Datasheet HTML 234Page - PMC-Sierra, Inc PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
219
Note that the RXD+/- inputs do not support single ended operation and must
always be driven by a differential source.
Figure 11
- Single Ended Driving Differential Inputs
+
-
TTL or
CMOS
signal
S/UNI-PLUS
PECL
INPUTS
+
-
PECL
signal
S/UNI-PLUS
PECL
INPUTS
0.01µF
For TTL or CMOS signals, the positive input must be grounded. The negative
input should be connected directly to a TTL or CMOS signal. In the case where
a single ended PECL source is to be used, the positive input should be
decoupled to ground through a 0.01µF capacitor.
These configurations logically invert the input signal.
12.4
Clock Recovery
Figure 12 is an abstraction of the clock recovery phase lock loop illustrating the
connections to external components. The figure illustrates the unity gain buffer
loop filter application where the integral op-amp output is buffered through a unity
gain amplifier to minimize the effect of its finite output impedance on the transfer
function of the PLL. The unity gain buffer loop filter circuit typically exceeds
SONET/SDH jitter tolerance and jitter transfer specifications and is
recommended for all designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com