Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 238 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 238 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 234Page - PMC-Sierra, Inc PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc PM5347 Datasheet HTML 240Page - PMC-Sierra, Inc PM5347 Datasheet HTML 241Page - PMC-Sierra, Inc PM5347 Datasheet HTML 242Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
222
Figure 14
- STS-3c (STM-1) Mapping
Section
Overhead
(Regen.
Section)
Line
Overhead
(Multiplex
Section)
Pointer
9
bytes
261 bytes
270 bytes
9
bytes
ATM Cell
ATM Cell
ATM Cell
ATM Cell
A1 A1 A1
B1
H1 H1 H1
B2 B2 B2
J0
Z0 Z0
H3 H3 H3
K2
A2 A2 A2
H2 H2 H2
M1
STS-3c Transport Overhead
STM-1 Section Overhead
J1
G1
F2
B3
C2
H4
Z3
Z4
Z5
E1
F1
D1
D2
D3
K1
D4
D6
D5
D7
D9
D8
D10
D12
D11
S1
E2
Z2
Z1 Z1
Z2
Transport Overhead Bytes
A1, A2:
The frame alignment bytes (A1, A2) locate the SONET
frame in the STS-3c/1 (STM-1) serial stream.
J0
The J0 byte is currently defined as the STS-1/STM-1 section
trace byte for SONET/SDH. J0 byte is not scrambled by the
frame synchronous scrambler.
Z0:
The Z0 bytes are currently defined as the STM-1 section
growth bytes for SONET/SDH. Z0 bytes are not scrambled
by the frame synchronous scrambler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com