Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 239 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 239 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc PM5347 Datasheet HTML 240Page - PMC-Sierra, Inc PM5347 Datasheet HTML 241Page - PMC-Sierra, Inc PM5347 Datasheet HTML 242Page - PMC-Sierra, Inc PM5347 Datasheet HTML 243Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
223
B1:
The section bit interleaved parity byte provides a section
error monitoring function.
E1:
The section orderwire byte provides a 64 kbit/s craftperson
voice channel for network element to network element
communication.
F1:
The section user channel byte provides a 64 kbit/s data
channel for use by the network provider.
D1 - D3:
The section data communications channel provides a 192
kbit/s data communications channel for network element to
network element communications.
H1, H2:
The pointer value bytes locate the path overhead column in
the SONET/SDH frame.
H3:
The pointer action bytes contain synchronous payload
envelope data when a negative stuff event occurs. The all
zeros pattern is inserted in the transmit direction. This byte
is ignored in the receive direction unless a negative stuff
event is detected.
B2:
The line bit interleaved parity bytes provide a line error
monitoring function.
K1, K2:
The K1 and K2 bytes provide the automatic protection
switching channel. The K2 byte is also used to identify line
layer maintenance signals. Line RDI is indicated when bits
6, 7, and 8 of the K2 byte are set to the pattern '110'. Line
AIS is indicated when bits 6, 7, and 8 of the K2 byte are set
to the pattern '111'.
D4 - D12:
The line data communications channel provides a 576 kbit/s
data communications channel for network element to
network element communications.
S1:
The S1 byte provides the synchronization status byte. Bits 5
through 8 of the synchronization status byte identifies the
synchronization source of the STS-3c/1 (STM-1) signal. Bits
1 through 4 are currently undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com