Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 242 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 242 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc PM5347 Datasheet HTML 240Page - PMC-Sierra, Inc PM5347 Datasheet HTML 241Page - PMC-Sierra, Inc PM5347 Datasheet HTML 242Page - PMC-Sierra, Inc PM5347 Datasheet HTML 243Page - PMC-Sierra, Inc PM5347 Datasheet HTML 244Page - PMC-Sierra, Inc PM5347 Datasheet HTML 245Page - PMC-Sierra, Inc PM5347 Datasheet HTML 246Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
226
and RSOC) are coincident with Word 1 (containing the first two header octets).
Word 3 of this structure contains the HCS octet in bits 15 to 8.
In the receive direction, the lower 8 bits of Word 3 contain the HCS status octet.
An all-zeros pattern in these 8 bits indicates that the associated header is error
free. An all-ones pattern indicates that the header contains an uncorrectable
error (if the HCSPASS bit in the RACP Control Register is set to logic zero, the
all-ones pattern will never be passed in this structure). An alternating ones and
zeros pattern (0xAA) indicates that the header contained a correctable error. In
this case the header passed through the structure is the "corrected" header.
In the transmit direction, the HCS bit in the TACP Control register determines
whether the HCS is calculated internally or is inserted directly from the upper 8
bits of Word 3. The lower 8 bits of Word 3 contain the HCS control octet. The
HCS control octet is an error mask that allows the insertion of one or more errors
in the HCS octet. A logic one in a given bit position causes the inversion of the
corresponding HCS bit position (for example a logic one in bit 7 causes the most
significant bit of the HCS to be inverted).
Figure 16
- 8-bit Wide, 53 Word Structure
Bit 0
H1
H2
H4
Bit 7
H5
PAYLOAD1
Word 1
Word 2
Word 3
Word 4
Word 5
Word 6
PAYLOAD48
Word 53
H3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com