Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 240 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 240 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc PM5347 Datasheet HTML 240Page - PMC-Sierra, Inc PM5347 Datasheet HTML 241Page - PMC-Sierra, Inc PM5347 Datasheet HTML 242Page - PMC-Sierra, Inc PM5347 Datasheet HTML 243Page - PMC-Sierra, Inc PM5347 Datasheet HTML 244Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
224
Z1:
The Z1 bytes are located in the second and third STS-1s of
a STS-3c (STM-1) and are allocated for future growth.
M0:
The M0 byte is defined only for STS-1, and bits 5 through 8
provide a line far end block error function for remote
performance monitoring. Bits 1 through 4 are currently
undefined.
M1:
The M1 byte is located in the third STS-1 of a STS-3c (STM-
1) and provides a line far end block error function for remote
performance monitoring.
Z2:
The Z2 bytes are located in the first and second STS-1s of a
STS-3c (STM-1) and are allocated for future growth.
E2:
The line orderwire byte provides a 64 kbit/s craftperson voice
channel for network element to network element
communication.
Path Overhead Bytes
J1:
The Path Trace byte is used to repetitively transmit a 64-byte
CLLI message (for SONET networks), or a 16-byte E.164
address (for SDH networks). When not used, this byte
should be set to transmit continuous null characters. Null is
defined as the ASCII code, 0x00.
B3:
The path bit interleaved parity byte provides a path error
monitoring function.
C2:
The path signal label indicator identifies the equipped
payload type. For ATM payloads, the identification code is
0x13.
G1:
The path status byte provides a path FEBE function, and a
path remote defect indication function. Two bits are allocated
for remote defect indications: bit 5 (the path RDI bit) and bit
6 (the auxiliary path RDI bit). Taken together these bits
provide a four state path RDI code that can be used to
categorize path defect indications.
F2:
The path user channel byte provides a 64 kbit/s data
channel for use by the network provider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com