Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 236 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 236 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc PM5347 Datasheet HTML 233Page - PMC-Sierra, Inc PM5347 Datasheet HTML 234Page - PMC-Sierra, Inc PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc PM5347 Datasheet HTML 240Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
220
Figure 12
-
VCO
recovered
clock
Phase/Freq
Detector
RRCLK+/-
LF+
LFO
RXD+/-
Pre-
filter
LF-
RAVD2
RAVS2
R2
C2
on-chip
off-chip
OpAmp
RAVD2
R1
C1
RE
2N3904
Table 7
-
Line Rate
(Mbit/s)
R1 (
Ω±1%)
R2 (
Ω±1%)
C1, C2 min (µF)
RE (
Ω±1%)
155.52
68.1
90.9
4.7
100
51.84
68.1
90.9
15
100
The capacitors (C1, C2) determine the amount of "peaking" in the jitter transfer
curve. The capacitor values can be ±10%. The capacitors should be non-
polarized because when the S/UNI-PLUS is held in reset, the capacitors are
reverse-biased at approximately 2.0V. Also, for some process extremes, the
capacitors may operate with a D.C. reverse-bias of up to 1.0V.
12.5
ATM Mapping and Overhead Byte Usage
The S/UNI-PLUS processes the ATM cell mappings for STS-3c (STM-1) and
STS-1 as shown below in figures 12 and 13. The S/UNI-PLUS processes the
transport and path overhead required to support ATM UNIs and NNIs. In
addition, the S/UNI-PLUS provides support for the APS bytes, the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com