Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 234 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 234 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 230Page - PMC-Sierra, Inc PM5347 Datasheet HTML 231Page - PMC-Sierra, Inc PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc PM5347 Datasheet HTML 233Page - PMC-Sierra, Inc PM5347 Datasheet HTML 234Page - PMC-Sierra, Inc PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc PM5347 Datasheet HTML 238Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
218
matched load. Normal TTL-type design rules are not recommended and will
reduce the performance of the device.
12.2
Interfacing to ECL or PECL Devices
Although the TXD+/- outputs are TTL compatible, only a few passive components
are required to convert the signals to ECL (or PECL) logic levels. Figure 10
illustrates the recommended configuration. The capacitors AC couple the
outputs so that the ECL inputs are free to swing around the ECL bias voltage
(VBB). The combination of the 237 Ω and 50 Ω resistors divide the voltage down
to a nominally 800mV swing. The 50
Ω resistors also terminate the signals.
Similarly, the RXD+/- inputs to the S/UNI-PLUS are AC coupled as shown in
Figure 10. The S/UNI-PLUS inputs are self-biasing to improve operating speed
and waveform symmetry. For this reason, the DC blocking capacitors are always
required, even when interfacing to PECL drivers. The only exception are the
ALOS+/- inputs which must be DC coupled because of their low frequency
content.
Ceramic coupling capacitors are recommended.
Figure 10
- Interfacing S/UNI-PLUS to ECL or PECL
+
Zo=50
Ω
S/UNI-PLUS
TXD+
TXD-
10nF
237
Ω
50 Ω
Zo=50
Ω
10nF
237
Ω
50 Ω
V
BB
ECL
BUFFER
S/UNI-PLUS Driving ECL or PECL
-
+
Zo=50
Ω
ECL
BUFFER
RXD+
RXD-
10nF
100 Ω
Zo=50
Ω
10nF
330
Ω
S/UNI-PLUS
330 Ω
ECL or PECL Driving S/UNI-PLUS
-
V
EE
12.3
Driving Differential Inputs Single Ended
In some applications it may be more cost effective or technically desirable to
drive the RRCLK+/-, TRCLK+/- or ALOS+/- inputs with a single ended PECL,
TTL or CMOS signal. Figure 11 illustrates the suggested configuration to
achieve this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com