Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 233 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 233 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 229Page - PMC-Sierra, Inc PM5347 Datasheet HTML 230Page - PMC-Sierra, Inc PM5347 Datasheet HTML 231Page - PMC-Sierra, Inc PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc PM5347 Datasheet HTML 233Page - PMC-Sierra, Inc PM5347 Datasheet HTML 234Page - PMC-Sierra, Inc PM5347 Datasheet HTML 235Page - PMC-Sierra, Inc PM5347 Datasheet HTML 236Page - PMC-Sierra, Inc PM5347 Datasheet HTML 237Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
217
12
OPERATION
This section presents PCB design recommendations, tutorial information on the
SONET/SDH transmission convergence sublayer for ATM, the SCI-PHY™
compliant cell data structures, and operating details for the JTAG boundary scan
feature.
12.1
Board Design Recommendations
The noise environment and signal integrity are often the limiting factors in system
performance. Therefore, the following board design guidelines
must be followed
in order to ensure proper operation.
1. Connect digital and analog grounds together at a point where the ground
reference is clean and as free as possible of digital return currents. Typically,
this means as close as possible to the PCB connector where ground is
brought into the card.
2. Provide separate +5 volt analog transmit, +5 volt analog receive, and +5 volt
digital supplies, but otherwise connect the supply voltages together at a point
where the supply is clean and as free as possible of digitally induced
switching noise. Typically, this means as close as possible to the PCB
connector where +5 volts is brought into the card. In some systems separate
regulation is required for the transmit and receive analog supplies.
3. Ferrite beads are not advisable in digital switching circuits because inductive
spiking (di/dt noise) is introduced into the power rail. Simple RC filtering is
probably the best approach provided care is taken to ensure the IR drop in
the resistor does not lower the supply voltage below the recommended
operating voltage.
4. Ferrite beads are recommended for TAVD1, TAVD2, RAVD1 and RAVD2.
5. Separate high-frequency decoupling capacitors are recommended for each
analog power (TAVD1, TAVD2, RAVD1 and RAVD2) pin as close to the
package pin as possible. Separate decoupling is required to prevent the
transmitter from coupling noise into the receiver and to prevent transients
from coupling into the reference circuitry powered by TAVD1 and RAVD1.
6. The high speed serial streams (TXD+/- and RXD+/) must be routed with
controlled impedance circuit board traces and must be terminated with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com