Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 229 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 229 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 225Page - PMC-Sierra, Inc PM5347 Datasheet HTML 226Page - PMC-Sierra, Inc PM5347 Datasheet HTML 227Page - PMC-Sierra, Inc PM5347 Datasheet HTML 228Page - PMC-Sierra, Inc PM5347 Datasheet HTML 229Page - PMC-Sierra, Inc PM5347 Datasheet HTML 230Page - PMC-Sierra, Inc PM5347 Datasheet HTML 231Page - PMC-Sierra, Inc PM5347 Datasheet HTML 232Page - PMC-Sierra, Inc PM5347 Datasheet HTML 233Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
213
drive the data bus and holding the CSB pin low tri-states the data bus. The
DBCTRL bit overrides the HIZDATA bit. The DBCTRL bit is used to measure
the drive capability of the data bus driver pads.
PMCTST:
The PMCTST bit is used to configure the digital portion of the S/UNI-PLUS
for PMC's manufacturing tests. When PMCTST is set to logic one, the
S/UNI-PLUS microprocessor port becomes the test access port used to run
the PMC manufacturing test vectors. The PMCTST bit is logically "ORed"
with the IOTST bit, and can be cleared by setting CSB to logic one or by
writing logic zero to the bit.
PMCATST:
The PMCATST bit is used to configure the analog portion of the S/UNI-PLUS
for PMC's manufacturing tests. When PMCATST is set to logic one, the
S/UNI-PLUS microprocessor port becomes the test access port used to run
the PMC manufacturing analog test vectors. The PMCATST bit is logically
"ORed" with the IOTST bit, and can be cleared by setting CSB to logic one or
by writing logic zero to the bit.
TT_BYP:
The TT_BYP bit is used to bypass the glue logic on the TTOH and TTOHEN
input pins to permit direct access to the TTOP block. When TT_BYP is set to
logic one, the glue logic is bypassed, and TTOH and TTOHEN feed directly
into the TTOP block. When TT_BYP is set to logic zero, the glue logic is not
bypassed, and TTOH and TTOHEN pass through the glue logic before
entering the TTOP block.
11.2
Test Mode 0 Details
In test mode 0, the S/UNI-PLUS allows the logic levels on the device inputs to be
read through the microprocessor interface, and allows the device outputs to be
forced to either logic level through the microprocessor interface. The IOTST bit in
the Master Test register should be set to logic one.
To enable test mode 0, the IOTST bit in the Master Test register is set to logic
one and the following addresses must be written with 00H: 91H, 95H, 99H, A1H,
A5H, A7H, A9H, B1H, C1H, D1H, E1H, E9H, F1H. Clock edges must be
provided on inputs TFCLK and RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com