Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 243 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 243 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 239Page - PMC-Sierra, Inc PM5347 Datasheet HTML 240Page - PMC-Sierra, Inc PM5347 Datasheet HTML 241Page - PMC-Sierra, Inc PM5347 Datasheet HTML 242Page - PMC-Sierra, Inc PM5347 Datasheet HTML 243Page - PMC-Sierra, Inc PM5347 Datasheet HTML 244Page - PMC-Sierra, Inc PM5347 Datasheet HTML 245Page - PMC-Sierra, Inc PM5347 Datasheet HTML 246Page - PMC-Sierra, Inc PM5347 Datasheet HTML 247Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
227
The 8-bit SCI-PHY compliant data structure is selected when the BUS8 input is
tied high. Bit 7 of each word is the most significant bit (which corresponds to the
first bit transmitted or received). The header check sequence octet (HCS) is
passed through this structure. The start of cell indication input and output (TSOC
and RSOC) are coincident with Word 1 (containing the first cell header octet).
Word 5 of this structure contains the HCS octet.
In the receive direction, cells containing "detected and uncorrected" header
errors are dropped when the HCSPASS bit in the RACP Control/Status Register
is set to logic zero. No HCS status information is passed within this data
structure. Error free headers and "detected and corrected" headers are passed
when HCSPASS is a logic zero. Error free headers, "detected and corrected"
headers, and "detected and uncorrected" headers are passed when HCSPASS
is a logic one.
In the transmit direction, the HCS bit in the TACP Control Register determines
whether the HCS is calculated internally or is inserted directly from Word 5.
12.7
Bit Error Rate Monitor
The S/UNI-PLUS Bit Error Rate Monitor (BERM) block counts line BIP errors
over programmable periods of time and monitors whether the accumulated count
of line BIP errors exceeds a programmable threshold within that specific period.
The BERM block can be used to trigger an interrupt when the bit error rate (BER)
of the line is ±50% of the programmed rate. The following tables list the
recommended contents of the BERM Line BIP Accumulation Period and BERM
Line BIP Threshold Period registers to detect various BERs.
In STS-1 mode, the following register contents are recommended:
Table 8
-
BER
Accumulation
Period LSB
Accumulation
Period MSB
Threshold
LSB
Threshold
MSB
10-4
0x87
0x01
0xCA
0x00
10-5
0x19
0x0F
0xD9
0x00
10-6
0xFA
0x9C
0xDB
0x00
In STS-3c mode, the following register contents are recommended:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com