Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 248 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 248 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 244Page - PMC-Sierra, Inc PM5347 Datasheet HTML 245Page - PMC-Sierra, Inc PM5347 Datasheet HTML 246Page - PMC-Sierra, Inc PM5347 Datasheet HTML 247Page - PMC-Sierra, Inc PM5347 Datasheet HTML 248Page - PMC-Sierra, Inc PM5347 Datasheet HTML 249Page - PMC-Sierra, Inc PM5347 Datasheet HTML 250Page - PMC-Sierra, Inc PM5347 Datasheet HTML 251Page - PMC-Sierra, Inc PM5347 Datasheet HTML 252Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
232
entered asynchronously by asserting input, TRSTB. The
state is entered synchronously regardless of the current TAP
controller state by forcing input, TMS high for 5 TCK clock
cycles. While in this state, the instruction register is set to
the IDCODE instruction.
Run-Test-Idle:
The run test/idle state is used to execute tests.
Capture-DR:
The capture data register state is used to load parallel data
into the test data registers selected by the current
instruction. If the selected register does not allow parallel
loads or no loading is required by the current instruction, the
test register maintains its value. Loading occurs on the
rising edge of TCK.
Shift-DR:
The shift data register state is used to shift the selected test
data registers by one stage. Shifting is from MSB to LSB
and occurs on the rising edge of TCK.
Update-DR:
The update data register state is used to load a test
register's parallel output latch. In general, the output latches
are used to control the device. For example, for the EXTEST
instruction, the boundary scan test register's parallel output
latches are used to control the device's outputs. The parallel
output latches are updated on the falling edge of TCK.
Capture-IR:
The capture instruction register state is used to load the
instruction register with a fixed instruction. The load occurs
on the rising edge of TCK.
Shift-IR:
The shift instruction register state is used to shift both the
instruction register and the selected test data registers by
one stage. Shifting is from MSB to LSB and occurs on the
rising edge of TCK.
Update-IR:
The update instruction register state is used to load a new
instruction into the instruction register. The new instruction
must be scanned in using the Shift-IR state. The load occurs
on the falling edge of TCK.
The Pause-DR and Pause-IR states are provided to allow
shifting through the test data and/or instruction registers to
be momentarily paused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com