Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 249 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 249 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 245Page - PMC-Sierra, Inc PM5347 Datasheet HTML 246Page - PMC-Sierra, Inc PM5347 Datasheet HTML 247Page - PMC-Sierra, Inc PM5347 Datasheet HTML 248Page - PMC-Sierra, Inc PM5347 Datasheet HTML 249Page - PMC-Sierra, Inc PM5347 Datasheet HTML 250Page - PMC-Sierra, Inc PM5347 Datasheet HTML 251Page - PMC-Sierra, Inc PM5347 Datasheet HTML 252Page - PMC-Sierra, Inc PM5347 Datasheet HTML 253Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
233
The TDO output is enabled during states Shift-DR and Shift-
IR. Otherwise, it is tri-stated.
Boundary Scan Instructions
The following is a description of the standard instructions. Each instruction
selects an serial test data register path between input, TDI, and output, TDO.
BYPASS
The bypass instruction shifts data from input TDI to output
TDO with one TCK clock period delay. The instruction is
used to bypass the device.
EXTEST
The external test instruction allows testing of the
interconnection to other devices. When the current
instruction is the EXTEST instruction, the boundary scan
register is place between input TDI and output TDO. Primary
device inputs can be sampled by loading the boundary scan
register using the Capture-DR state. The sampled values
can then be viewed by shifting the boundary scan register
using the Shift-DR state. Primary device outputs can be
controlled by loading patterns shifted in through input TDI
into the boundary scan register using the Update-DR state.
SAMPLE
The sample instruction samples all the device inputs and
outputs. For this instruction, the boundary scan register is
placed between TDI and TDO. Primary device inputs and
outputs can be sampled by loading the boundary scan
register using the Capture-DR state. The sampled values
can then be viewed by shifting the boundary scan register
using the Shift-DR state.
IDCODE
The identification instruction is used to connect the
identification register between TDI and TDO. The device's
identification code can then be shifted out using the Shift-DR
state.
STCTEST
The single transport chain instruction is used to test out the
TAP controller and the boundary scan register during
production test. When this instruction is the current
instruction, the boundary scan register is connected
between TDI and TDO. During the Capture-DR state, the
device identification code is loaded into the boundary scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com