Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 250 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 250 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 246Page - PMC-Sierra, Inc PM5347 Datasheet HTML 247Page - PMC-Sierra, Inc PM5347 Datasheet HTML 248Page - PMC-Sierra, Inc PM5347 Datasheet HTML 249Page - PMC-Sierra, Inc PM5347 Datasheet HTML 250Page - PMC-Sierra, Inc PM5347 Datasheet HTML 251Page - PMC-Sierra, Inc PM5347 Datasheet HTML 252Page - PMC-Sierra, Inc PM5347 Datasheet HTML 253Page - PMC-Sierra, Inc PM5347 Datasheet HTML 254Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
234
register. The code can then be shifted out on output TDO
using the Shift-DR state.
Table 10
- Instruction Register
Length - 3 bits
Instructions
Selected Register
Instruction Codes, IR[2:0]
EXTEST
Boundary Scan
000
IDCODE
Identification
001
SAMPLE
Boundary Scan
010
BYPASS
Bypass
011
BYPASS
Bypass
100
STCTEST
Boundary Scan
101
BYPASS
Bypass
110
BYPASS
Bypass
111
Identification Register
Length - 32 bits
Version number - 0x0
Part Number - 0x5347
Manufacturer's identification code - 0x0CD
Device identification - 0x053470CD
Boundary Scan Register
The boundary scan register is made up of 139 boundary scan cells, divided into
input observation (in_cell), output (out_cell), and bidirectional (io_cell) cells.
These cells are detailed in the Figures 22, 23, 24 and 25. The first 32 cells form
the ID code register, and carry the code 0x053470CD. The cells are arranged as
follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com