Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 118 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 118 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 114Page - PMC-Sierra, Inc PM5347 Datasheet HTML 115Page - PMC-Sierra, Inc PM5347 Datasheet HTML 116Page - PMC-Sierra, Inc PM5347 Datasheet HTML 117Page - PMC-Sierra, Inc PM5347 Datasheet HTML 118Page - PMC-Sierra, Inc PM5347 Datasheet HTML 119Page - PMC-Sierra, Inc PM5347 Datasheet HTML 120Page - PMC-Sierra, Inc PM5347 Datasheet HTML 121Page - PMC-Sierra, Inc PM5347 Datasheet HTML 122Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
102
Register 0x10: RSOP Control/Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
BIPWORD
0
Bit 6
R/W
DDS
0
Bit 5
W
FOOF
X
Bit 4
R/W
FPSEL
0
Bit 3
R/W
BIPEE
0
Bit 2
R/W
LOSE
0
Bit 1
R/W
LOFE
0
Bit 0
R/W
OOFE
0
OOFE:
The OOFE bit is an interrupt enable for the out of frame alarm. When OOFE
is set to logic one, an interrupt is generated when the out of frame alarm
changes state.
LOFE:
The LOFE bit is an interrupt enable for the loss of frame alarm. When LOFE
is a logic one, an interrupt is generated when the loss of frame alarm
changes state.
LOSE:
The LOSE bit is an interrupt enable for the loss of signal alarm. When LOSE
is a logic one, an interrupt is generated when the loss of signal alarm
changes state.
BIPEE:
The BIPEE bit is an interrupt enable for the section BIP-8 errors. When
BIPEE is a logic one, an interrupt is generated when a section BIP-8 error
(B1) is detected.
FPSEL:
The FPSEL bit selects the framing pattern used for in-frame validation, and
out-of-frame declaration. When FPSEL is a logic one, the framing pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com