Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 119 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 115Page - PMC-Sierra, Inc PM5347 Datasheet HTML 116Page - PMC-Sierra, Inc PM5347 Datasheet HTML 117Page - PMC-Sierra, Inc PM5347 Datasheet HTML 118Page - PMC-Sierra, Inc PM5347 Datasheet HTML 119Page - PMC-Sierra, Inc PM5347 Datasheet HTML 120Page - PMC-Sierra, Inc PM5347 Datasheet HTML 121Page - PMC-Sierra, Inc PM5347 Datasheet HTML 122Page - PMC-Sierra, Inc PM5347 Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
103
consists of the first A1 byte, and the first four bits of the first A2 byte (12 bits
total). In the presence of a 10-3 bit error rate, the mean time between OOF
declarations is 103 minutes for both STS-1 and STS-3c/STM-1 rates.
When FPSEL is a logic zero, the framing pattern consists of all the A1 bytes
and all the A2 bytes (48 bits for STS-3c/STM-1 and 16 bits for STS-1). In the
presence of a 10-3 bit error rate, the mean time between OOF declarations is
26 seconds for STS-3c/STM-1, and 33 minutes for STS-1.
FOOF:
The FOOF bit controls the framing of the RSOP. When a logic one is written
to FOOF, the RSOP is forced out of frame at the next frame boundary. The
FOOF bit is a write only bit, register reads may yield a logic one or a logic
zero.
DDS:
The DDS bit enables the frame synchronous descrambling of the receive
stream. When DDS is a logic one, descrambling is disabled. When DDS is a
logic zero, descrambling is enabled.
BIPWORD:
The BIPWORD bit controls the accumulation of B1 block errors. When
BIPWORD is a logic one, one or more B1 errors per frame result in a single
error accumulated in the B1 error counter. When BIPWORD is a logic zero,
each B1 error is accumulated in the B1 error counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com