Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 123 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 123 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 119Page - PMC-Sierra, Inc PM5347 Datasheet HTML 120Page - PMC-Sierra, Inc PM5347 Datasheet HTML 121Page - PMC-Sierra, Inc PM5347 Datasheet HTML 122Page - PMC-Sierra, Inc PM5347 Datasheet HTML 123Page - PMC-Sierra, Inc PM5347 Datasheet HTML 124Page - PMC-Sierra, Inc PM5347 Datasheet HTML 125Page - PMC-Sierra, Inc PM5347 Datasheet HTML 126Page - PMC-Sierra, Inc PM5347 Datasheet HTML 127Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
107
Register 0x13: RSOP Section BIP-8 MSB
Bit
Type
Function
Default
Bit 7
R
SBE[15]
X
Bit 6
R
SBE[14]
X
Bit 5
R
SBE[13]
X
Bit 4
R
SBE[12]
X
Bit 3
R
SBE[11]
X
Bit 2
R
SBE[10]
X
Bit 1
R
SBE[9]
X
Bit 0
R
SBE[8]
X
SBE[15:0]:
SBE[15:0] represent the number of B1 errors (individual or block) that have
been detected since the last time the error count was polled. The error count
is polled by writing to either of the RSOP Section BIP-8 Register addresses.
Such a write transfers the internally accumulated error count to the Section
BIP-8 registers within approximately 2 µs and simultaneously resets the
internal counter to begin a new cycle of error accumulation. This transfer and
reset is carried out in a manner that ensures that coincident events are not
lost.
The count can also be polled by writing to the S/UNI-PLUS Master Reset and
Identity / Load Performance Meters register (0x00). Writing to register
address 0x00 loads all the counter registers in the RSOP, RLOP, RPOP,
RACP and TACP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com