Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 127 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 127 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 123Page - PMC-Sierra, Inc PM5347 Datasheet HTML 124Page - PMC-Sierra, Inc PM5347 Datasheet HTML 125Page - PMC-Sierra, Inc PM5347 Datasheet HTML 126Page - PMC-Sierra, Inc PM5347 Datasheet HTML 127Page - PMC-Sierra, Inc PM5347 Datasheet HTML 128Page - PMC-Sierra, Inc PM5347 Datasheet HTML 129Page - PMC-Sierra, Inc PM5347 Datasheet HTML 130Page - PMC-Sierra, Inc PM5347 Datasheet HTML 131Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
111
AISDET:
The AISDET bit determines the line AIS alarm detection algorithm. When
AISDET is a logic one, line AIS is declared when a 111 binary pattern is
detected in bits 6, 7, and 8 of the K2 byte for three consecutive frames. When
AISDET is a logic zero, line AIS is declared when a 111 binary pattern is
detected in bits 6, 7, and 8 of the K2 byte for five consecutive frames.
ALLONES:
The ALLONES bit controls the conditioning that occurs whenever line AIS is
detected in the recovered data. When ALLONES is a logic one, the
recovered data is forced to logic one immediately when the line AIS alarm is
detected. When line AIS is removed, the recovered data is passed
unconditioned. When ALLONES is a logic zero, recovered data conditioning
is disabled regardless of the state of the line AIS alarm.
BIPWORD:
The BIPWORD bit controls the accumulation of B2 block errors. When
BIPWORD is a logic one, one or more B2 errors per frame result in a single
error accumulated in the B2 error counter. When BIPWORD is a logic zero,
each B2 error is accumulated in the B2 error counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com