Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 124Page - PMC-Sierra, Inc PM5347 Datasheet HTML 125Page - PMC-Sierra, Inc PM5347 Datasheet HTML 126Page - PMC-Sierra, Inc PM5347 Datasheet HTML 127Page - PMC-Sierra, Inc PM5347 Datasheet HTML 128Page - PMC-Sierra, Inc PM5347 Datasheet HTML 129Page - PMC-Sierra, Inc PM5347 Datasheet HTML 130Page - PMC-Sierra, Inc PM5347 Datasheet HTML 131Page - PMC-Sierra, Inc PM5347 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
112
Register 0x19: RLOP Interrupt Enable/Interrupt Status
Bit
Type
Function
Default
Bit 7
R/W
FEBEE
0
Bit 6
R/W
BIPEE
0
Bit 5
R/W
LAISE
0
Bit 4
R/W
LRDIE
0
Bit 3
R
FEBEI
X
Bit 2
R
BIPEI
X
Bit 1
R
LAISI
X
Bit 0
R
LRDII
X
LRDII:
The LRDII bit is the line remote defect indication interrupt status bit. LRDII is
a logic one when a change in the line RDI state occurs. This bit is cleared
when this register is read.
LAISI:
The LAISI bit is the line AIS interrupt status bit. LAISI is a logic one when a
change in the line AIS state occurs. This bit is cleared when this register is
read.
BIPEI:
The BIPEI bit is the line BIP-24/8 interrupt status bit. BIPEI is a logic one
when a B2 error is detected. This bit is cleared when this register is read.
FEBEI:
The FEBEI bit is the line far end block error interrupt status bit. FEBEI is a
logic one when a line layer FEBE (M0/M1) is detected. This bit is cleared
when this register is read.
LRDIE:
The LRDIE bit is an interrupt enable for the line remote defect indication
alarm. When LRDIE is a logic one, an interrupt is generated when the line
RDI state changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com