Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 132 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 132 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 128Page - PMC-Sierra, Inc PM5347 Datasheet HTML 129Page - PMC-Sierra, Inc PM5347 Datasheet HTML 130Page - PMC-Sierra, Inc PM5347 Datasheet HTML 131Page - PMC-Sierra, Inc PM5347 Datasheet HTML 132Page - PMC-Sierra, Inc PM5347 Datasheet HTML 133Page - PMC-Sierra, Inc PM5347 Datasheet HTML 134Page - PMC-Sierra, Inc PM5347 Datasheet HTML 135Page - PMC-Sierra, Inc PM5347 Datasheet HTML 136Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
116
Register 0x1C: RLOP Line BIP-24/8 MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R
LBE[19]
X
Bit 2
R
LBE[18]
X
Bit 1
R
LBE[17]
X
Bit 0
R
LBE[16]
X
LBE[19:0]
Bits LBE[19:0] represent the number of line BIP-24/8 errors (individual or
block) that have been detected since the last time the error count was polled.
The error count is polled by writing to any of the RLOP Line BIP-24/8
Register or Line FEBE Register addresses. Such a write transfers the
internally accumulated error count to the Line BIP-24/8 Registers within
approximately 2 µs and simultaneously resets the internal counter to begin a
new cycle of error accumulation.
The count can also be polled by writing to the S/UNI-PLUS Master Reset and
Identity / Load Performance Meters register (0x00). Writing to register
address 0x00 loads all the counter registers in the RSOP, RLOP, RPOP,
RACP and TACP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com