Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 132Page - PMC-Sierra, Inc PM5347 Datasheet HTML 133Page - PMC-Sierra, Inc PM5347 Datasheet HTML 134Page - PMC-Sierra, Inc PM5347 Datasheet HTML 135Page - PMC-Sierra, Inc PM5347 Datasheet HTML 136Page - PMC-Sierra, Inc PM5347 Datasheet HTML 137Page - PMC-Sierra, Inc PM5347 Datasheet HTML 138Page - PMC-Sierra, Inc PM5347 Datasheet HTML 139Page - PMC-Sierra, Inc PM5347 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
120
Register 0x20: TLOP Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
Reserved
0
Bit 5
R/W
APSREG
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
LRDI
0
LRDI:
The LRDI bit controls the insertion of line remote defect indication (LRDI).
When LRDI is a logic one, the S/UNI-PLUS inserts line RDI into the transmit
stream. Line RDI is inserted by transmitting the code 110 in bit positions 6, 7,
and 8 of the K2 byte of the transmit stream. The LRDI bit is logically ORed
with the external TLRDI input.
APSREG:
The APSREG bit selects the source for the transmit APS channel. When
APSREG is a logic zero, 0x0000 hexadecimal is inserted in the transmit APS
channel. When APSREG is a logic one, the transmit APS channel is inserted
from the TLOP Transmit K1 Register and the TLOP Transmit K2 Register. The
APS bytes may also be inserted using the TTOHEN and TTOH inputs. Values
inserted using the TTOHEN input take precedence over the source selected
by the APSREG bit.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com