Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 138 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 138 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 134Page - PMC-Sierra, Inc PM5347 Datasheet HTML 135Page - PMC-Sierra, Inc PM5347 Datasheet HTML 136Page - PMC-Sierra, Inc PM5347 Datasheet HTML 137Page - PMC-Sierra, Inc PM5347 Datasheet HTML 138Page - PMC-Sierra, Inc PM5347 Datasheet HTML 139Page - PMC-Sierra, Inc PM5347 Datasheet HTML 140Page - PMC-Sierra, Inc PM5347 Datasheet HTML 141Page - PMC-Sierra, Inc PM5347 Datasheet HTML 142Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
122
Register 0x22: TLOP Transmit K1
Bit
Type
Function
Default
Bit 7
R/W
K1[7]
0
Bit 6
R/W
K1[6]
0
Bit 5
R/W
K1[5]
0
Bit 4
R/W
K1[4]
0
Bit 3
R/W
K1[3]
0
Bit 2
R/W
K1[2]
0
Bit 1
R/W
K1[1]
0
Bit 0
R/W
K1[0]
0
K1[7:0]:
The K1[7:0] bits contain the value inserted in the K1 byte when the APSREG
bit in the TLOP Control Register is a logic one. K1[7] is the most significant
bit, corresponding to the first bit (bit 1) transmitted. K1[0] is the least
significant bit, corresponding to the last bit (bit 8) transmitted. The bits in this
register are double buffered so that register writes do not need to be
synchronized to SONET/SDH frame boundaries. The insertion of a new APS
code value is initiated by a write to this register. The contents of this register,
and the TLOP Transmit K2 Register are inserted in the transmit stream
starting at the next frame boundary. Successive writes to this register must
be spaced at least two frames (250 µs) apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com