Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 140 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 140 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 136Page - PMC-Sierra, Inc PM5347 Datasheet HTML 137Page - PMC-Sierra, Inc PM5347 Datasheet HTML 138Page - PMC-Sierra, Inc PM5347 Datasheet HTML 139Page - PMC-Sierra, Inc PM5347 Datasheet HTML 140Page - PMC-Sierra, Inc PM5347 Datasheet HTML 141Page - PMC-Sierra, Inc PM5347 Datasheet HTML 142Page - PMC-Sierra, Inc PM5347 Datasheet HTML 143Page - PMC-Sierra, Inc PM5347 Datasheet HTML 144Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
124
Register 0x28: SSTB Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
RRAMACC
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
PER5
0
Bit 2
R/W
TNULL
1
Bit 1
R/W
NOSYNC
0
Bit 0
R/W
LEN16
0
This register controls the receive and transmit portions of the SSTB.
LEN16:
The LEN16 bit selects the length of the section trace message to be 16 bytes
or 64 bytes. When LEN16 is a logic one, a 16 byte section trace message is
selected. When LEN16 is a logic zero, a 64 byte section trace message is
selected.
NOSYNC:
The NOSYNC bit disables the writing of the section trace message into the
trace buffer to be synchronized to the content of the message. When LEN16
is a logic one and NOSYNC is a logic zero, the receive section trace message
byte with its most significant bit set will be written to the first location in the
buffer. When LEN16 and NOSYNC are logic zero, the byte after the carriage
return/linefeed (CR/LF) sequence will be written to the first location in the
buffer. When NOSYNC is a logic one, synchronization is disabled, and the
section trace message buffer behaves as a circular buffer.
TNULL:
The TNULL bit controls the insertion of an all-zero section trace identifier
message in the transmit stream. When TNULL is a logic one, the contents of
the transmit buffer is ignored and all-zeros bytes are inserted. When TNULL
is a logic zero, the contents of the transmit section trace buffer is sent to
TSOP for insertion into the J0 transmit section overhead byte. TNULL should



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com