Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 143 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 143 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 139Page - PMC-Sierra, Inc PM5347 Datasheet HTML 140Page - PMC-Sierra, Inc PM5347 Datasheet HTML 141Page - PMC-Sierra, Inc PM5347 Datasheet HTML 142Page - PMC-Sierra, Inc PM5347 Datasheet HTML 143Page - PMC-Sierra, Inc PM5347 Datasheet HTML 144Page - PMC-Sierra, Inc PM5347 Datasheet HTML 145Page - PMC-Sierra, Inc PM5347 Datasheet HTML 146Page - PMC-Sierra, Inc PM5347 Datasheet HTML 147Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
127
Register 0x2A: SSTB Indirect Address Register
Bit
Type
Function
Default
Bit 7
R/W
RWB
0
Bit 6
R/W
A[6]
0
Bit 5
R/W
A[5]
0
Bit 4
R/W
A[4]
0
Bit 3
R/W
A[3]
0
Bit 2
R/W
A[2]
0
Bit 1
R/W
A[1]
0
Bit 0
R/W
A[0]
0
This register supplies the address used to index into section trace identifier
buffers.
A[6:0]:
The indirect read address bits (A[6:0]) are used to address the section trace
identifier buffers. When RRAMACC is set high, addresses 0 to 63 reference
the captured message page while addresses 64 to 127 reference the
expected message page of the receive section trace buffer. The captured
message page contains the identifier bytes extracted from the receive stream.
The expected message page contains the section trace message to which
the captured message page is compared. When RRAMACC is set low,
addresses 0 to 63 reference the transmit section trace buffer which contains
the section trace message inserted in the transmit stream.
RWB:
The access control bit (RWB) selects between an indirect read or write
access to the selected section trace buffer (receive or transmit as determined
by the RRAMACC bit). Writing to this register initiates an access to the
selected section trace buffer. When RWB is a logic one, a read access is
initiated. The addressed location's contents are placed in the SSTB Indirect
Data register. When RWB is a logic zero, a write access is initiated. The data
in the SSTB Indirect Data register is written to the addressed location in the
selected buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com