Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 120Page - PMC-Sierra, Inc PM5347 Datasheet HTML 121Page - PMC-Sierra, Inc PM5347 Datasheet HTML 122Page - PMC-Sierra, Inc PM5347 Datasheet HTML 123Page - PMC-Sierra, Inc PM5347 Datasheet HTML 124Page - PMC-Sierra, Inc PM5347 Datasheet HTML 125Page - PMC-Sierra, Inc PM5347 Datasheet HTML 126Page - PMC-Sierra, Inc PM5347 Datasheet HTML 127Page - PMC-Sierra, Inc PM5347 Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
108
Register 0x14: TSOP Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
DS
0
Bit 5
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
LAIS
0
LAIS:
The LAIS bit controls the insertion of line alarm indication signal (LAIS).
When LAIS is a logic one, the TSOP inserts AIS into the transmit stream.
Activation or deactivation of line AIS insertion is synchronized to frame
boundaries. Line AIS insertion results in all bytes of the SONET frame being
set to 0xFF prior to scrambling except for the section overhead. The LAIS bit
is logically ORed with the external TLAIS input.
DS:
The DS bit enables the frame synchronous scrambling of the transmit stream.
When DS is a logic one, scrambling is disabled. When DS is a logic zero,
scrambling is enabled.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com