Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 146Page - PMC-Sierra, Inc PM5347 Datasheet HTML 147Page - PMC-Sierra, Inc PM5347 Datasheet HTML 148Page - PMC-Sierra, Inc PM5347 Datasheet HTML 149Page - PMC-Sierra, Inc PM5347 Datasheet HTML 150Page - PMC-Sierra, Inc PM5347 Datasheet HTML 151Page - PMC-Sierra, Inc PM5347 Datasheet HTML 152Page - PMC-Sierra, Inc PM5347 Datasheet HTML 153Page - PMC-Sierra, Inc PM5347 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
134
INVNDFI:
The INVNDFI bit is the illegal new data field value interrupt status bit.
INVNDFI is a logic one when an illegal NDF field value is detected in the
receive payload pointer. An illegal NDF field is any one of the following six
values: 0x0, 0x3, 0x5, 0xA, 0xC, and 0xF. This bit is cleared when this
register is read.
DISCOPAI:
The DISCOPAI bit is the discontinuous change of pointer interrupt status bit.
DISCOPAI is a logic one when a new pointer value is validated without an
accompanying NDF indication. This bit is cleared when this register is read.
ILLJREQI:
The ILLJREQI bit is the illegal justification request interrupt status bit.
ILLJREQI is a logic one when the pointer interpreter detects an illegal pointer
justification request event. This bit is cleared when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com