Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 24Page - Microchip Technology LAN88730 Datasheet HTML 25Page - Microchip Technology LAN88730 Datasheet HTML 26Page - Microchip Technology LAN88730 Datasheet HTML 27Page - Microchip Technology LAN88730 Datasheet HTML 28Page - Microchip Technology LAN88730 Datasheet HTML 29Page - Microchip Technology LAN88730 Datasheet HTML 30Page - Microchip Technology LAN88730 Datasheet HTML 31Page - Microchip Technology LAN88730 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
LAN88730
DS60001256B-page 28
2012-2015 Microchip Technology Inc.
3.6
Interrupt Management
The device management interface supports an interrupt capability that is not a part of the IEEE 802.3 specification. This
interrupt capability generates an active low asynchronous interrupt signal on the nINT output whenever certain events
are detected as setup by the Interrupt Mask Register.
The device’s interrupt system provides two modes, a Primary interrupt mode and an Alternative interrupt mode. Both
systems will assert the nINT pin low when the corresponding mask bit is set. These modes differ only in how they de-
assert the nINT interrupt output. These modes are detailed in the following subsections.
3.6.1
PRIMARY INTERRUPT SYSTEM
The Primary interrupt system is the default interrupt mode (ALTINT bit of the Mode Control/Status Register is “0”). The
Primary interrupt system is always selected after power-up or hard reset. In this mode, to set an interrupt, set the cor-
responding mask bit in the Interrupt Mask Register (see Table 3-3). Then when the event to assert nINT is true, the nINT
output will be asserted. When the corresponding event to deassert nINT is true, then the nINT will be de-asserted.
Note 1: If the mask bit is enabled and nINT has been de-asserted while ENERGYON is still high, nINT will assert
for 256 ms, approximately one second after ENERGYON goes low when the Cable is unplugged. To prevent
an unexpected assertion of nINT, the ENERGYON interrupt mask should always be cleared as part of the
ENERGYON interrupt service routine.
Note:
The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The Alternative
interrupt mode requires setup after a power-up or hard reset.
TABLE 3-3:
INTERRUPT MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to Assert
nINT
Event to
De-Assert nINT
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1 (see
Note 1)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotiation
Complete
1.5
Auto-Negotiate
Complete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
Falling 5.14 or
Reading register 29
30.2
29.2
Parallel Detection
Fault
6.4
Parallel Detec-
tion Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29, or
Re-Auto Negotiate or
Link down
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
Falling 6.1 or
Reading register 6, or
Reading register 29, or
Re-Auto Negotiate, or
Link down.
Note:
The ENERGYON bit in the Mode Control/Status Register is defaulted to a ‘1’ at the start of the signal acqui-
sition process, therefore the INT7 bit in the Interrupt Mask Register will also read as a ‘1’ at power-up. If no
signal is present, then both ENERGYON and INT7 will clear within a few milliseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com