Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 60Page - Microchip Technology LAN88730 Datasheet HTML 61Page - Microchip Technology LAN88730 Datasheet HTML 62Page - Microchip Technology LAN88730 Datasheet HTML 63Page - Microchip Technology LAN88730 Datasheet HTML 64Page - Microchip Technology LAN88730 Datasheet HTML 65Page - Microchip Technology LAN88730 Datasheet HTML 66Page - Microchip Technology LAN88730 Datasheet HTML 67Page - Microchip Technology LAN88730 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
LAN88730
DS60001256B-page 64
2012-2015 Microchip Technology Inc.
5.7.2
POWER SEQUENCE TIMING
This diagram illustrates the device power sequencing requirements. The VDDIO, VDD1A, VDD2A and magnetics power
supplies can turn on in any order provided they all reach operational levels within the specified time period tpon. Device
power supplies can turn off in any order provided they all reach 0 volts within the specified time period tpoff.
It is acceptable for the VDD1A/VDD2A supply to remain powered up while the VDDIO supply is at zero volts for a period
not to exceed 750 ms. In this case, nRESET must be asserted while VDDIO is off, and must remain asserted for a min-
imum of 50 ms after the VDDIO supply reaches operational level. Additionally, VDDIO must come up with or after the
VDD1A/VDD2A supply. Configuration straps must meet the requirements specified in Section 5.7.3, "Power-On nRST
& Configuration Strap Timing".
FIGURE 5-2:
POWER SEQUENCE TIMING
TABLE 5-8:
POWER SEQUENCE TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
tpon
Power supply turn on time
50
ms
tpoff
Power supply turn off time
500
ms
VDDIO
Magnetics
Power
tpon
tpoff
VDD1A,
VDD2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com