Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 67 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 67 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 63Page - Microchip Technology LAN88730 Datasheet HTML 64Page - Microchip Technology LAN88730 Datasheet HTML 65Page - Microchip Technology LAN88730 Datasheet HTML 66Page - Microchip Technology LAN88730 Datasheet HTML 67Page - Microchip Technology LAN88730 Datasheet HTML 68Page - Microchip Technology LAN88730 Datasheet HTML 69Page - Microchip Technology LAN88730 Datasheet HTML 70Page - Microchip Technology LAN88730 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
2012-2015 Microchip Technology Inc.
DS60001256B-page 67
LAN88730
Note 1: 40 ns for 100BASE-TX operation, 400 ns for 10BASE-T operation.
2: Timing was designed for system load between 10 pF and 25 pF.
FIGURE 5-5:
MII TRANSMIT TIMING
TABLE 5-11:
MII TRANSMIT TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
Note
tclkp
TXCLK period
(see Note 1)ns
tclkh
TXCLK high time
tclkp * 0.4
tclkp * 0.6
ns
tclkl
TXCLK low time
tclkp * 0.4
tclkp * 0.6
ns
tsu
TXD[3:0], TXEN, TXER setup time
to rising edge of TXCLK
12.0
ns
(see Note 2)
thold
TXD[3:0], TXEN, TXER hold time
after rising edge of TXCLK
0ns
(see Note 2)
t1
TXCLK rising edge after TXEN
assertion to RXDV assertion
(100 Mbps internal loopback
mode)
160
162
ns
(see Note 2)
tsu
tclkh
tclkl
tclkp
thold
tsu thold
thold
tsu
thold
TXCLK
(OUTPUT)
TXD[3:0]
(INPUTS)
TXEN, TXER
(INPUTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com