Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 64Page - Microchip Technology LAN88730 Datasheet HTML 65Page - Microchip Technology LAN88730 Datasheet HTML 66Page - Microchip Technology LAN88730 Datasheet HTML 67Page - Microchip Technology LAN88730 Datasheet HTML 68Page - Microchip Technology LAN88730 Datasheet HTML 69Page - Microchip Technology LAN88730 Datasheet HTML 70Page - Microchip Technology LAN88730 Datasheet HTML 71Page - Microchip Technology LAN88730 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
LAN88730
DS60001256B-page 68
2012-2015 Microchip Technology Inc.
5.7.5
RMII INTERFACE TIMING
This section specifies the RMII interface transmit and receive timing.
Note 1: Timing was designed for system load between 10 pF and 25 pF.
Note:
The CRS_DV pin performs both carrier sense and data valid functions. CRS_DV is asserted asynchro-
nously on detection of carrier due to the criteria relevant to the operating mode. If the PHY has additional
bits to be presented on RXD[1:0] following the initial deassertion of CRS_DV, then the device will assert
CRS_DV on cycles of REF_CLK which present the second di-bit of each nibble and deassert CRS_DV on
cycles of REF_CLK which present the first di-bit of a nibble. For additional information, refer to the RMII
specification.
FIGURE 5-6:
RMII TIMING
TABLE 5-12:
RMII TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
Note
tclkp
CLKIN period
20
ns
tclkh
CLKIN high time
tclkp * 0.35
tclkp * 0.65
ns
tclkl
CLKIN low time
tclkp * 0.35
tclkp * 0.65
ns
toval
RXD[1:0], RXER, CRS_DV output
valid from rising edge of CLKIN
15.0
ns
(see Note 1)
toinvld
RXD[1:0], RXER, CRS_DV output
invalid from rising edge of CLKIN
3.0
ns
(see Note 1)
tsu
TXD[1:0], TXEN setup time to ris-
ing edge of CLKIN
4.0
ns
(see Note 1)
tihold
TXD[1:0], TXEN input hold time
after rising edge of CLKIN
2.5
ns
(see Note 1)
tclkh
tclkl
tclkp
toval
toinvld
toval
toval
toinvld
tsu tihold
tsu tihold
tihold
tsu
tihold
CLKIN
(REF_CLK)
(INPUT)
RXD[1:0], RXER
(OUTPUTS)
CRS_DV
(OUTPUT)
TXD[1:0]
(INPUTS)
TXEN
(INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com