Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 58Page - Microchip Technology LAN88730 Datasheet HTML 59Page - Microchip Technology LAN88730 Datasheet HTML 60Page - Microchip Technology LAN88730 Datasheet HTML 61Page - Microchip Technology LAN88730 Datasheet HTML 62Page - Microchip Technology LAN88730 Datasheet HTML 63Page - Microchip Technology LAN88730 Datasheet HTML 64Page - Microchip Technology LAN88730 Datasheet HTML 65Page - Microchip Technology LAN88730 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
LAN88730
DS60001256B-page 62
2012-2015 Microchip Technology Inc.
Note 1: This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up resis-
tors add ±50 µA per-pin (typical).
TABLE 5-5:
VARIABLE I/O BUFFER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
VIS Type Input Buffer
Low Input Level
(VDDIO = 1.62)
Low Input Level
(VDDIO = 1.8)
Low Input Level
(VDDIO = 2.5)
Low Input Level
(VDDIO = 3.3)
Low Input Level
(VDDIO = 3.6)
High Input Level
(VDDIO = 1.62)
High Input Level
(VDDIO = 1.8)
High Input Level
(VDDIO = 2.5)
High Input Level
(VDDIO = 3.3)
High Input Level
(VDDIO = 3.6)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VIL16
VIL18
VIL25
VIL33
VIL36
VIH16
VIH18
VIH25
VIH33
VIH36
IIH
CIN
-0.3
-0.3
1.05
2.2
-10
1.0
1.4
1.6
1.0
1.4
1.5
0.64
1.6
1.62
3.6
10
2
V
V
V
V
V
V
V
V
V
V
µA
pF
(see Note 1)
VO8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.5
0.5
V
V
IOL = 6 mA
IOH = -6 mA
VOD8 Type Buffer
Low Output Level
VOL
0.5
V
IOL = 6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com