Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 30Page - Microchip Technology LAN88730 Datasheet HTML 31Page - Microchip Technology LAN88730 Datasheet HTML 32Page - Microchip Technology LAN88730 Datasheet HTML 33Page - Microchip Technology LAN88730 Datasheet HTML 34Page - Microchip Technology LAN88730 Datasheet HTML 35Page - Microchip Technology LAN88730 Datasheet HTML 36Page - Microchip Technology LAN88730 Datasheet HTML 37Page - Microchip Technology LAN88730 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
LAN88730
DS60001256B-page 34
2012-2015 Microchip Technology Inc.
When in EDPD mode, the device’s NLP characteristics may be modified. The device can be configured to transmit NLPs
in EDPD via the EDPD TX NLP Enable bit of the EDPD NLP/Crossover TimeRegister. When enabled, the TX NLP time
interval is configurable via the EDPD TX NLP Interval Timer Select field of the EDPD NLP/Crossover TimeRegister.
When in EDPD mode, the device can also be configured to wake on the reception of one or two NLPs. Setting the EDPD
RX Single NLP Wake Enable bit of the EDPD NLP/Crossover TimeRegister will enable the device to wake on reception
of a single NLP. If the EDPD RX Single NLP Wake Enable bit is cleared, the maximum interval for detecting reception
of two NLPs to wake from EDPD is configurable via the EDPD RX NLP Max Interval Detect Select field of the EDPD
NLP/Crossover TimeRegister.
3.8.4
ISOLATE MODE
The device data paths may be electrically isolated from the MII/RMII interface by setting the Isolate bit of the Basic Con-
trol Register to “1”. In isolation mode, the transceiver does not respond to the TXD, TXEN and TXER inputs, but does
respond to management transactions.
Isolation provides a means for multiple transceivers to be connected to the same MII/RMII interface without contention.
By default, the transceiver is not isolated (on power-up (Isolate =0).
3.8.5
RESETS
The device provides two forms of reset: hardware and software. The device registers are reset by both hardware and
software resets. Select register bits, indicated as “NASR” in the register definitions, are not cleared by a software reset.
The registers are not reset by the power-down modes described in Section 3.8.3.
3.8.5.1
Hardware Reset
A hardware reset is asserted by driving the nRST input pin low. When driven, nRST should be held low for the minimum
time detailed in Section 5.7.3, "Power-On nRST & Configuration Strap Timing" to ensure a proper transceiver reset.
During a hardware reset, an external clock must be supplied to the XTAL1/CLKIN signal.
3.8.5.2
Software Reset
A Software reset is activated by setting the Soft Reset bit of the Basic Control Register to “1”. All registers bits, except
those indicated as “NASR” in the register definitions, are cleared by a Software reset. The Soft Reset bit is self-clearing.
Per the IEEE 802.3u standard, clause 22 (22.2.4.1.1) the reset process will be completed within 0.5 s from the setting
of this bit.
3.8.6
CARRIER SENSE
The carrier sense (CRS) is output on the CRS pin in MII mode, and the CRS_DV pin in RMII mode. CRS is a signal
defined by the MII specification in the IEEE 802.3u standard. The device asserts CRS based only on receive activity
whenever the transceiver is either in repeater mode or full-duplex mode. Otherwise the transceiver asserts CRS based
on either transmit or receive activity.
The carrier sense logic uses the encoded, unscrambled data to determine carrier activity status. It activates carrier
sense with the detection of 2 non-contiguous zeros within any 10 bit span. Carrier sense terminates if a span of 10 con-
secutive ones is detected before a /J/K/ Start-of Stream Delimiter pair. If an SSD pair is detected, carrier sense is
asserted until either /T/R/ End–of-Stream Delimiter pair or a pair of IDLE symbols is detected. Carrier is negated after
the /T/ symbol or the first IDLE. If /T/ is not followed by /R/, then carrier is maintained. Carrier is treated similarly for IDLE
followed by some non-IDLE symbol.
3.8.7
COLLISION DETECT
A collision is the occurrence of simultaneous transmit and receive operations. The COL output is asserted to indicate
that a collision has been detected. COL remains active for the duration of the collision. COL is changed asynchronously
to both RXCLK and TXCLK. The COL output becomes inactive during full duplex mode.
Note:
For the first 16 µs after coming out of reset, the MII/RMII interface will run at 2.5 MHz. After this time, it will
switch to 25 MHz if auto-negotiation is enabled.
Note:
A hardware reset (nRST assertion) is required following power-up. Refer to Section 5.7.3, "Power-On
nRST & Configuration Strap Timing" for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com