Electronic Components Datasheet Search
  English  ▼

X  

LAN88730 Datasheet(PDF) 74 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 74 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 70Page - Microchip Technology LAN88730 Datasheet HTML 71Page - Microchip Technology LAN88730 Datasheet HTML 72Page - Microchip Technology LAN88730 Datasheet HTML 73Page - Microchip Technology LAN88730 Datasheet HTML 74Page - Microchip Technology LAN88730 Datasheet HTML 75Page - Microchip Technology LAN88730 Datasheet HTML 76Page - Microchip Technology LAN88730 Datasheet HTML 77Page - Microchip Technology LAN88730 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
LAN88730
DS60001256B-page 74
 2012-2015 Microchip Technology Inc.
Microchip Technology Drawing C04-232A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Terminal Length
Mold Cap Height
Pitch
Standoff
Units
Dimension Limits
A1
A
b
A2
e
L
N
0.50 BSC
0.65
0.30
0.18
0.80
0.00
0.23
0.40
0.85
0.02
MILLIMETERS
MIN
NOM
32
0.50
0.30
0.90
0.05
MAX
K-
0.25
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is punch singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Width
Overall Length
Exposed Pad Width
Exposed Pad Length
D
E2
D2
E
3.20
5.00 BSC
3.30
5.00 BSC
3.40
D1
E1
Mold Cap Width
Mold Cap length
4.75 BSC
4.75 BSC
3.20
3.30
3.40
0.70
0.60
Chamfer
P
0.24
0.42
0.60
Mold Draft Angle
0°
-
14°
Terminal Thickness
(A3)
0.20 REF
32-Lead Very Thin Plastic Quad Flat, No Lead Package (RN) - 5x5 mm Body [VQFN]
With 3.3x3.3 mm Exposed Pad, Punch Singulated; Formerly called QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com