Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 30Page - Microchip Technology LAN9117 Datasheet HTML 31Page - Microchip Technology LAN9117 Datasheet HTML 32Page - Microchip Technology LAN9117 Datasheet HTML 33Page - Microchip Technology LAN9117 Datasheet HTML 34Page - Microchip Technology LAN9117 Datasheet HTML 35Page - Microchip Technology LAN9117 Datasheet HTML 36Page - Microchip Technology LAN9117 Datasheet HTML 37Page - Microchip Technology LAN9117 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
LAN9117
DS00002267A-page 34
 2005-2016 Microchip Technology Inc.
3.11.4
SOFT RESET (SRST)
Soft reset is initiated by writing a ‘1’ to bit 0 of the HW_CFG register (SRST). This self-clearing bit will return to ‘0’ after
approximately 2
s, at which time the Soft Reset is complete. Soft reset does not clear control register bits marked as
NASR.
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) immediately,
(within 2
s). If the software driver polls this bit and it is not set within 100ms, then an error
condition occurred.
3.11.5
PHY RESET TIMING
The following sections and tables specify the operation and time required for the internal PHY to become operational
after various resets or when returning from the reduced power state.
3.11.5.1
PHY Soft Reset via PMT_CTRL bit 10 (PHY_RST)
The PHY soft reset is initiated by writing a ‘1’ to bit 10 of the PMT_CTRL register (PHY_RST). This self-clearing bit will
return to ‘0’ after approximately 100
s, at which time the PHY reset is complete.
3.11.5.2
PHY Soft Reset via PHY Basic Control Register (PHY Reg. 0.15)
The PHY Reg. 0.15 Soft Reset is initiated by writing a ‘1’ to bit 15 of the PHY’s Basic Control Register. This self-clearing
bit will return to ‘0’ at which time the PHY reset is complete.
3.12
MII Interface - External MII Switching
There are two mechanisms that are used to switch between the internal PHY and the external MII port.
• A LAN driver or other software controlled mechanism is used to control the PHY_CLK_SEL[1:0] bits described in
Section 5.3.9, "HW_CFG—Hardware Configuration Register" that provides glitch-free MII clock switching. This
mechanism allows the host processor to disable (gate) the RX_CLK and TX_CLK clocks from both the internal
PHY and the external MII port, and switch the clock sources once they have stopped. After switching the clocks,
the LAN9117 transmitter and receiver can be re-enabled.
• A simple multiplexor that, with the exception of the SMI bus and the MII clocks, will switch the remaining MII sig-
nals. This multiplexor is controlled by the EXT_PHY_EN bit described in Section 5.3.9, "HW_CFG—Hardware
Configuration Register".
3.12.1
SMI SWITCHING
The Serial Management Interface (SMI) port can be switched between the internal PHY and external MII ports based
on the settings of the SMI_SEL bit described in Section 5.3.9, "HW_CFG—Hardware Configuration Register". The SMI
port can be switched independent of the setting of the other MII signals.
APPLICATION NOTE: The user is cautioned to not switch the SMI port while an SMI transaction is in progress.
3.12.2
MII CLOCK SWITCHING
The LAN9117 supports dynamic switching between the integrated internal PHY and the external MII port which can con-
nect to an external MII compatible Ethernet PHY device.
The remaining MII signals, with the exception of the SMI port, are switched using a simple multiplexor controlled by the
EXT_PHY_SEL bit described in Section 5.3.9, "HW_CFG—Hardware Configuration Register". It is required that the MII
clocks be disabled before the other MII signals are switched.
The steps outlined in the flow diagram in Figure 3-12, "MII Switching Procedure", detail the required procedure for
switching the MII port, including the MII clocks. These steps must be followed in order to ensure clean switching of the
MII ports.
Using the SMI interface, both the internal PHY, and the external PHY must be placed in a stable state. For each device
generating a TX_CLK or RX_CLK, this clock must be stable and glitch-free before the switch can be made. If either
device is not generating a TX_CLK or RX_CLK, this clock must remain off until the switch is complete. In either case
the TX_CLK and RX_CLK must be stable and glitch-free for the device that will be selected after the switch. The follow-
ing must be done prior to a switch:
• The LAN9117 Transmitter must be halted.
• The halting of the LAN9117 transmitter must be complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com