Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 87Page - Microchip Technology LAN9117 Datasheet HTML 88Page - Microchip Technology LAN9117 Datasheet HTML 89Page - Microchip Technology LAN9117 Datasheet HTML 90Page - Microchip Technology LAN9117 Datasheet HTML 91Page - Microchip Technology LAN9117 Datasheet HTML 92Page - Microchip Technology LAN9117 Datasheet HTML 93Page - Microchip Technology LAN9117 Datasheet HTML 94Page - Microchip Technology LAN9117 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 91
LAN9117
5.5.6
AUTO-NEGOTIATION LINK PARTNER ABILITY
5.5.7
AUTO-NEGOTIATION EXPANSION
Index (In Decimal):
5
Size:
16-bits
Bits
Description
Type
Default
15
Next Page. 1 = next page capable, 0 = no next page ability. This device does
not support next page ability.
RO
0
14
Acknowledge. 1 = link code word received from partner 0 = link code word
not yet received
Note:
This bit will always read 0
RO
0
13
Remote Fault. 1 = remote fault detected, 0 = no remote fault
RO
0
12
Reserved
RO
0
11-10
Pause Operation.
00 No PAUSE supported by partner station
01 Symmetric PAUSE supported by partner station
10 Asymmetric PAUSE supported by partner station
11 Both Symmetric PAUSE and Asymmetric PAUSE supported by partner
station
RO
00
9
100Base-T4. 1 = T4 able, 0 = no T4 ability
RO
0
8
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex
ability
RO
0
7
100Base-TX. 1 = TX able, 0 = no TX ability
RO
0
6
10Base-T Full Duplex.
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RO
0
5
10Base-T. 1 = 10Mbps able, 0 = no 10Mbps ability
RO
0
4:0
Selector Field. [00001] = IEEE 802.3
RO
00001
Index (In Decimal):
6
Size:
16-bits
Bits
Description
Type
Default
15:5
Reserved
RO
0
4
Parallel Detection Fault.
1 = fault detected by parallel detection logic
0 = no fault detected by parallel detection logic
RO/LH
0
3
Link Partner Next Page Able.
1 = link partner has next page ability
0 = link partner does not have next page ability
RO
0
2
Next Page Able.
1 = local device has next page ability
0 = local device does not have next page ability
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com