Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 59Page - Microchip Technology LAN9117 Datasheet HTML 60Page - Microchip Technology LAN9117 Datasheet HTML 61Page - Microchip Technology LAN9117 Datasheet HTML 62Page - Microchip Technology LAN9117 Datasheet HTML 63Page - Microchip Technology LAN9117 Datasheet HTML 64Page - Microchip Technology LAN9117 Datasheet HTML 65Page - Microchip Technology LAN9117 Datasheet HTML 66Page - Microchip Technology LAN9117 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 63
LAN9117
5.3.4
INT_EN—INTERRUPT ENABLE REGISTER
This register contains the interrupt masks for IRQ. Writing 1 to any of the bits enables the corresponding interrupt as a
source for IRQ. Bits in the INT_STS register will still reflect the status of the interrupt source regardless of whether the
source is enabled as an interrupt in this register.
13
Transmitter Error (TXE). When generated, indicates that the transmitter
has encountered an error. Please refer to Section 3.13.7, "Transmitter
Errors," on page 46, for a description of the conditions that will cause a
TXE.
R/WC
0
12-11
Reserved
RO
-
10
TX Data FIFO Overrun Interrupt (TDFO). Generated when the TX data
FIFO is full, and another write is attempted.
R/WC
0
9
TX Data FIFO Available Interrupt (TDFA). Generated when the TX data
FIFO available space is greater than the programmed level.
R/WC
0
8
TX Status FIFO Full Interrupt (TSFF). Generated when the TX Status
FIFO is full.
R/WC
0
7
TX Status FIFO Level Interrupt (TSFL). Generated when the TX Status
FIFO reaches the programmed level.
R/WC
0
6
RX Dropped Frame Interrupt (RXDF_INT). This interrupt is issued
whenever a receive frame is dropped.
R/WC
0
5
Reserved
RO
-
4
RX Status FIFO Full Interrupt (RSFF). Generated when the RX Status
FIFO is full.
R/WC
0
3
RX Status FIFO Level Interrupt (RSFL). Generated when the RX Status
FIFO reaches the programmed level.
R/WC
0
2-0
GPIO [2:0] (GPIOx_INT). Interrupts are generated from the GPIO’s. These
interrupts are configured through the GPIO_CFG register.
R/WC
000
Offset:
5Ch
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt (SW_INT_EN)
R/W
0
30:26
Reserved
RO
-
25
TX Stopped Interrupt Enable (TXSTOP_INT_EN)
R/W
0
24
RX Stopped Interrupt Enable (RXSTOP_INT_EN)
R/W
0
23
RX Dropped Frame Counter Halfway Interrupt Enable
(RXDFH_INT_EN).
R/W
0
22
Reserved
RO
0
21
TX IOC Interrupt Enable (TIOC_INT_EN)
R/W
0
20
RX DMA Interrupt (RXD_INT).
R/W
0
19
GP Timer (GPT_INT_EN)
R/W
0
18
PHY (PHY_INT_EN)
R/W
0
17
Power Management Event Interrupt Enable (PME_INT_EN)
R/W
0
16
TX Status FIFO Overflow (TXSO_EN)
R/W
0
15
Receive Watchdog Time-out Interrupt (RWT_INT_EN)
R/W
0
14
Receiver Error Interrupt (RXE_INT_EN)
R/W
0
13
Transmitter Error Interrupt (TXE_INT_EN)
R/W
0
12-11
Reserved
RO
-
10
TX Data FIFO Overrun Interrupt (TDFO_INT_EN)
R/W
0
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com