Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 89 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 89 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 85Page - Microchip Technology LAN9117 Datasheet HTML 86Page - Microchip Technology LAN9117 Datasheet HTML 87Page - Microchip Technology LAN9117 Datasheet HTML 88Page - Microchip Technology LAN9117 Datasheet HTML 89Page - Microchip Technology LAN9117 Datasheet HTML 90Page - Microchip Technology LAN9117 Datasheet HTML 91Page - Microchip Technology LAN9117 Datasheet HTML 92Page - Microchip Technology LAN9117 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 89
LAN9117
Note 5-2
This default value of this bit is determined by Pin 74 "SPEED_SEL". Please refer to the pin
description section for more details
5.5.2
BASIC STATUS REGISTER
5.5.3
PHY IDENTIFIER 1
8
Duplex Mode. 1 = full duplex, 0 = half duplex. Ignored if Auto Negotiation is
enabled (0.12 = 1).
RW
0
7
Collision Test. 1 = enable COL test, 0 = disable COL test
RW
0
6-0
Reserved
RO
0
Index (In Decimal):
1
Size:
16-bits
Bits
Description
Type
Default
15
100Base-T4. 1 = T4 able, 0 = no T4 ability
RO
0
14
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex
ability.
RO
1
13
100Base-TX Half Duplex. 1 = TX with half duplex, 0 = no TX half duplex
ability.
RO
1
12
10Base-T Full Duplex. 1 = 10Mbps with full duplex 0 = no 10Mbps with full
duplex ability
RO
1
11
10Base-T Half Duplex. 1 = 10Mbps with half duplex 0 = no 10Mbps with
half duplex ability
RO
1
10-6
Reserved
RO
0
5
Auto-Negotiate Complete. 1 = auto-negotiate process completed 0 = auto-
negotiate process not completed
RO
0
4
Remote Fault. 1 = remote fault condition detected 0 = no remote fault
RO/LH
0
3
Auto-Negotiate Ability. 1 = able to perform auto-negotiation function 0 =
unable to perform auto-negotiation function
RO
1
2
Link Status. 1 = link is up, 0 = link is down
RO/LL
0
1
Jabber Detect. 1 = jabber condition detected 0 = no jabber condition
detected
RO/LH
0
0
Extended Capabilities. 1 = supports extended capabilities registers 0 =
does not support extended capabilities registers.
RO
1
Index (In Decimal):
2
Size:
16-bits
Bits
Description
Type
Default
15-0
PHY ID Number. Assigned to the 3rd through 18th bits of the
Organizationally Unique Identifier (OUI), respectively.
RO
0x0007h
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com