Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 3Page - Microchip Technology LAN9117 Datasheet HTML 4Page - Microchip Technology LAN9117 Datasheet HTML 5Page - Microchip Technology LAN9117 Datasheet HTML 6Page - Microchip Technology LAN9117 Datasheet HTML 7Page - Microchip Technology LAN9117 Datasheet HTML 8Page - Microchip Technology LAN9117 Datasheet HTML 9Page - Microchip Technology LAN9117 Datasheet HTML 10Page - Microchip Technology LAN9117 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 7
LAN9117
1.4
Receive and Transmit FIFOs
The Receive and Transmit FIFOs allow increased packet buffer storage to the MAC. The FIFOs are a conduit between
the host interface and the MAC through which all transmitted and received data and status information is passed. Deep
FIFOs allow a high degree of latency tolerance relative to the various transport and OS software stacks thus reducing
or minimizing overrun conditions. Like the MAC, the FIFOs have separate receive and transmit data paths. In addition,
the RX and TX FIFOs are configurable in size, allowing increased flexibility.
1.5
Interrupt Controller
The LAN9117 supports a single programmable interrupt. The programmable nature of this interrupt allows the user the
ability to optimize performance dependent upon the application requirement. Both the polarity and buffer type of the
interrupt pin are configurable for the external interrupt processing. The interrupt line can be configured as an open-drain
output to facilitate the sharing of interrupts with other devices. In addition, a programmable interrupt de-assertion interval
is provided.
1.6
GPIO Interface
A 3-bit GPIO and 2-bit GPO (Multiplexed on the EEPROM and LED Pins) interface is included in the LAN9117. It is
accessible through the host bus interface via the CSRs. The GPIO signals can function as inputs, push-pull outputs and
open drain outputs. The GPIO’s (GPO’s are not configurable) can also be configured to trigger interrupts with program-
mable polarity.
1.7
Serial EEPROM Interface
A serial EEPROM interface is included in the LAN9117. The serial EEPROM is optional and can be programmed with
the LAN9117 MAC address. The LAN9117 can optionally load the MAC address automatically after power-on.
1.8
Power Management Controls
The LAN9117 supports comprehensive array of power management modes to allow use in power sensitive applications.
Wake on LAN, Link Status Change and Magic Packet detection are supported by the LAN9117. An external PME (Power
Management Event) interrupt is provided to indicate detection of a wakeup event.
1.9
General Purpose Timer
The general-purpose timer has no dedicated function within the LAN9117 and may be programmed to issue a timed
interrupt.
1.10
Host Bus Interface (SRAM Interface)
The host bus interface provides a FIFO interface for the transmit and receive data paths, as well as an interface for the
LAN9117 Control and Status Registers (CSR’s).
The host bus interface is the primary bus for connection to the embedded host system. This interface models an asyn-
chronous SRAM. TX FIFO, RX FIFO, and CSR’s are accessed through this interface. Programmed I/O transactions are
supported.
The LAN9117 host bus interface supports 16-bit bus transfers; internally, all data paths are 32-bits wide. The LAN9117
can be interfaced to either Big-Endian or Little-Endian processors.
The host bus data Interface is responsible for host address decoding and data bus steering. The host bus interface han-
dles the 16 to 32-bit conversion. Additionally, when Big Endian mode is selected, the data path to the internal controller
registers will be reorganized accordingly.
1.11
External MII Interface
The LAN9117 also supports the ability to interface to an external PHY device. This interface is compatible with all IEEE
802.3 MII compliant physical layer devices. For additional information on the MII interface and associated signals,
please refer to Section 3.12, "MII Interface - External MII Switching," on page 34 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com