Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 10Page - Microchip Technology LAN9117 Datasheet HTML 11Page - Microchip Technology LAN9117 Datasheet HTML 12Page - Microchip Technology LAN9117 Datasheet HTML 13Page - Microchip Technology LAN9117 Datasheet HTML 14Page - Microchip Technology LAN9117 Datasheet HTML 15Page - Microchip Technology LAN9117 Datasheet HTML 16Page - Microchip Technology LAN9117 Datasheet HTML 17Page - Microchip Technology LAN9117 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
LAN9117
DS00002267A-page 14
 2005-2016 Microchip Technology Inc.
Note 2-2
The external SMI port is selected when SMI_SEL = 1. When SMI_SEL = 0, MDIO is tri-stated and
MDC is driven low.
30
Management Data
IO/External PHY
Detect
MDIO
(EXT_PHY_DET)
I/O8 (PD)
1
Management Data IO: When
SMI_SEL = 1, this pin is the MII SMI
serial IO bus pin.
External PHY Detect: This pin also
functions as a strap input, which can
be used to indicate the presence of an
external PHY.
See Note 2-2.
Note:
See
Section
5.3.9,
"HW_CFG—Hardware
Configuration Register" for
more information on SMI_-
SEL and EXT_PHY_DET
31
Management Data
Clock
MDC
O8 (PD)
1
Management Data Clock: When
SMI_SEL = 1, this pin is the MII
management data clock. When
SMI_SEL=0, this pin is driven low.
See Note 2-2.
Note:
See
Section
5.3.9,
"HW_CFG—Hardware
Configuration Register" for
more information on SMI_-
SEL.
TABLE 2-6:
MII INTERFACE SIGNALS (CONTINUED)
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com