Electronic Components Datasheet Search
  English  ▼

X  

LAN9117 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN9117
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 36Page - Microchip Technology LAN9117 Datasheet HTML 37Page - Microchip Technology LAN9117 Datasheet HTML 38Page - Microchip Technology LAN9117 Datasheet HTML 39Page - Microchip Technology LAN9117 Datasheet HTML 40Page - Microchip Technology LAN9117 Datasheet HTML 41Page - Microchip Technology LAN9117 Datasheet HTML 42Page - Microchip Technology LAN9117 Datasheet HTML 43Page - Microchip Technology LAN9117 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
LAN9117
DS00002267A-page 40
 2005-2016 Microchip Technology Inc.
3.13.2.1
TX Command ‘A’
3.13.2.2
TX Command ‘B’
TABLE 3-11:
TX COMMAND 'A' FORMAT
Bits
Description
31
Interrupt on Completion. When set, the TXDONE flag will be asserted when the current buffer has
been fully loaded into the TX FIFO. This flag may be optionally mapped to a host interrupt.
30:26
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility.
25:24
Buffer End Alignment. This field specifies the alignment that must be maintained on the last data
transfer of a buffer. The host will add extra DWORDs of data up to the alignment specified in the table
below. The LAN9117 will remove the extra DWORDs. This mechanism can be used to maintain cache
line alignment on host processors.
23:21
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility
20:16
Data Start Offset (bytes). This field specifies the offset of the first byte of TX data. The offset value
can be anywhere from 0 bytes to 31 a Byte offset.
15:14
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility
13
First Segment. When set, this bit indicates that the associated buffer is the first segment of the packet.
12
Last Segment. When set, this bit indicates that the associated buffer is the last segment of the packet
11
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility.
10:0
Buffer Size (bytes). This field indicates the number of bytes contained in the buffer following this
command. This value, along with the Buffer End Alignment field, is read and checked by the LAN9117
and used to determine how many extra DWORD’s were added to the end of the Buffer. A running
count is also maintained in the LAN9117 of the cumulative buffer sizes for a given packet. This
cumulative value is compared against the Packet Length field in the TX command ‘B’ word and if they
do not correlate, the TXE flag is set.
Note:
The buffer size specified does not include the buffer end alignment padding or data start off-
set added to a buffer.
TABLE 3-12:
TX COMMAND 'B' FORMAT
Bits
Description
31:16
Packet Tag. The host should write a unique packet identifier to this field. This identifier is added to
the corresponding TX status word and can be used by the host to correlate TX status words with their
corresponding packets.
Note:
The use of packet tags is not required by the hardware. This field can be used by the LAN
software driver for any application. Packet Tags is one application example.
15:14
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility.
13
Add CRC Disable. When set, the automatic addition of the CRC is disabled.
[25]
[24]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com